Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 83 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 83 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 79Page - STMicroelectronics UPSD3312DV Datasheet HTML 80Page - STMicroelectronics UPSD3312DV Datasheet HTML 81Page - STMicroelectronics UPSD3312DV Datasheet HTML 82Page - STMicroelectronics UPSD3312DV Datasheet HTML 83Page - STMicroelectronics UPSD3312DV Datasheet HTML 84Page - STMicroelectronics UPSD3312DV Datasheet HTML 85Page - STMicroelectronics UPSD3312DV Datasheet HTML 86Page - STMicroelectronics UPSD3312DV Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
I/O ports of MCU module
Doc ID 9685 Rev 7
83/272
Table 39.
P3SFS: Port 3 Special Function Select register (SFR 91h, reset value 00h)
Table 40.
P3SFS register bit definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P3SFS7
P3SFS6
P3SFS5
P3SFS4
P3SFS3
P3SFS2
P3SFS1
P3SFS0
Port 3 pin
R/W
Default port function
Alternate port function
P3SFS[i] - 0; Port 3 pin, i = 0..7
P3SFS[i] - 1; Port 3 pin, i = 0..7
0
R,W
GPIO
UART0 Receive, RXD0
1
R,W
GPIO
UART0 Transmit, TXD0
2
R,W
GPIO
Ext Intr 0/Timer 0 Gate,
EXT0INT/TG0
3
R,W
GPIO
Ext Intr 1/Timer 1 Gate,
EXT1INT/TG1
4
R,W
GPIO
Counter 0 Input, C0
5
R,W
GPIO
Counter 0 Input, C1
6
R,W
GPIO
I2C Data, I2CSDA
7
R,W
GPIO
I2C Clock, I2CCL
Table 41.
P1SFS0: Port 1 Special Function Select 0 register (SFR 8Eh, reset value
00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1SF07
P1SF06
P1SF05
P1SF04
P1SF03
P1SF02
P1SF01
P1SF00
Table 42.
P1SFS1: Port 1 Special Function Select 1 register (SFR 8Fh, reset value
00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1SF17
P1SF16
P1SF15
P1SF14
P1SF13
P1SF12
P1SF11
P1SF10
Table 43.
P1SFS0 and P1SFS1 details
Port 1 pin
R/W
Default port function
Alternate 1 port
function
P1SFS0[i] = 0, P1SFS1[i] = x
P1SFS0[i] = 1,
P1SFS1[i] = 0
Port 1 Pin, i = 0.. 7
Port 1 Pin, i = 0.. 7
0
R,W
GPIO
Timer 2 Count Input, T2
ADC Chn 0 Input, ADC0
1
R,W
GPIO
Timer 2 Trigger Input,
TX2
ADC Chn 1 Input, ADC1
2
R,W
GPIO
UART1 Receive, RXD1
ADC Chn 2 Input, ADC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com