Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 97 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 97 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 93Page - STMicroelectronics UPSD3312DV Datasheet HTML 94Page - STMicroelectronics UPSD3312DV Datasheet HTML 95Page - STMicroelectronics UPSD3312DV Datasheet HTML 96Page - STMicroelectronics UPSD3312DV Datasheet HTML 97Page - STMicroelectronics UPSD3312DV Datasheet HTML 98Page - STMicroelectronics UPSD3312DV Datasheet HTML 99Page - STMicroelectronics UPSD3312DV Datasheet HTML 100Page - STMicroelectronics UPSD3312DV Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Standard 8032 timer/counters
Doc ID 9685 Rev 7
97/272
20.5.4
Mode 3
Timer 1 in mode 3 simply holds its count. The effect is the same as setting TR1 = 0.
Timer 0 in mode 3 establishes TL0 and TH0 as two separate counters. The logic for mode 3
on Timer 0 is shown in Figure 23 on page 99. TL0 uses the Timer 0 control Bits: C/T, GATE,
TR0, and TF0, as well as the pin EXTINT0. TH0 is locked into a timer function (counting at a
rate of 1/12 fOSC) and takes over the use of TR1 and TF1 from Timer 1. Thus, TH0 now
controls the “Timer 1“ interrupt flag.
Mode 3 is provided for applications requiring an extra 8-bit timer on the counter (see
Figure 23 on page 99). With Timer 0 in mode 3, a UPSD33xx device can look like it has
three Timer/Counters (not including the PCA). When Timer 0 is in mode 3, Timer 1 can be
turned on and off by switching it out of and into its own mode 3, or can still be used by the
serial port as a baud rate generator, or in fact, in any application not requiring an interrupt.
Table 56.
TMOD: Timer Mode register (SFR 89h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GATE
C/T
M[1:0]
GATE
C/T
M[1:0]
Table 57.
TMOD register bit definition
Bit
Symbol
R/W
Timer
Definition (T/C is abbreviation for
timer/counter)
7GATE
R,W
Timer 1
Gate control.
When GATE = 1, T/C is enabled only while pin
EXTINT1 is '1' and the flag TR1 is '1.' When GATE
= 0, T/C is enabled whenever the flag TR1 is '1.'
6C/T
R,W
Counter or Timer function select.
When C/T = 0, function is timer, clocked by
internal clock. C/T = 1, function is counter, clocked
by signal sampled on external pin, C1.
[5:4]
M[1:0]
R,W
Mode Select.
00b = 13-bit T/C. 8 bits in TH1 with TL1 as 5-bit
pre-scaler.
01b = 16-bit T/C. TH1 and TL1 are cascaded. No
pre-scaler.
10b = 8-bit auto-reload T/C. TH1 holds a constant
and loads into TL1 upon overflow.
11b = Timer Counter 1 is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com