Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 33 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 29Page - STMicroelectronics UPSD3312DV Datasheet HTML 30Page - STMicroelectronics UPSD3312DV Datasheet HTML 31Page - STMicroelectronics UPSD3312DV Datasheet HTML 32Page - STMicroelectronics UPSD3312DV Datasheet HTML 33Page - STMicroelectronics UPSD3312DV Datasheet HTML 34Page - STMicroelectronics UPSD3312DV Datasheet HTML 35Page - STMicroelectronics UPSD3312DV Datasheet HTML 36Page - STMicroelectronics UPSD3312DV Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
8032 MCU core performance enhancements
Doc ID 9685 Rev 7
33/272
Figure 7.
Instruction pre-fetch queue and branch cache
5.1
Pre-Fetch Queue (PFQ) and Branch Cache (BC)
The PFQ is always working to minimize the idle bus time inherent to 8032 MCU architecture,
to eliminate wasted memory fetches, and to maximize memory bandwidth to the MCU. The
PFQ does this by running asynchronously in relation to the MCU, looking ahead to pre-fetch
code from program memory during any idle bus periods. Only necessary bytes will be
fetched (no dummy fetches like standard 8032). The PFQ will queue up to six code bytes in
advance of execution, which significantly optimizes sequential program performance.
However, when program execution becomes non-sequential (program branch), a typical pre-
fetch queue will empty itself and reload new code, causing the MCU to stall. The Turbo
UPSD33xx diminishes this problem by using a Branch Cache with the PFQ. The BC is a
four-way, fully associative cache, meaning that when a program branch occurs, it's branch
destination address is compared simultaneously with four recent previous branch
destinations stored in the BC. Each of the four cache entries contain up to six bytes of code
related to a branch. If there is a hit (a match), then all six code bytes of the matching
program branch are transferred immediately and simultaneously from the BC to the PFQ,
and execution on that branch continues with minimal delay. This greatly reduces the chance
that the MCU will stall from an empty PFQ, and improves performance in embedded control
systems where it is quite common to branch and loop in relatively small code localities.
By default, the PFQ and BC are enabled after power-up or reset. The 8032 can disable the
PFQ and BC at runtime if desired by writing to a specific SFR (BUSCON).
The memory in the PSD module operates with variable wait states depending on the value
specified in the SFR named BUSCON. For example, a 5 V UPSD33xx device operating at a
40 MHz crystal frequency requires four memory wait states (equal to four MCU clocks). In
this example, once the PFQ has one or more bytes of code, the wait states become
Branch 4
Code
Branch 4
Code
Branch 4
Code
Branch 4
Code
Branch 4
Code
Branch 4
Code
Previous
Branch 4
8032
MCU
Program
Memory on
PSD Module
Instruction Pre-Fetch Queue (PFQ)
6 Bytes of Instruction
Instruction
Byte
Wait
Stall
8
Instruction
Byte
8
Current
Branch
Address
Compare
Branch
Cache
(BC)
16
AI08809
Address
16
Address
Load on Branch Address Match
Branch 3
Code
Branch 3
Code
Branch 3
Code
Branch 3
Code
Branch 3
Code
Branch 3
Code
Previous
Branch 3
Branch 2
Code
Branch 2
Code
Branch 2
Code
Branch 2
Code
Branch 2
Code
Branch 2
Code
Previous
Branch 2
Branch 1
Code
Branch 1
Code
Branch 1
Code
Branch 1
Code
Branch 1
Code
Branch 1
Code
Previous
Branch 1
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com