Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 76 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 76 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 72Page - STMicroelectronics UPSD3312DV Datasheet HTML 73Page - STMicroelectronics UPSD3312DV Datasheet HTML 74Page - STMicroelectronics UPSD3312DV Datasheet HTML 75Page - STMicroelectronics UPSD3312DV Datasheet HTML 76Page - STMicroelectronics UPSD3312DV Datasheet HTML 77Page - STMicroelectronics UPSD3312DV Datasheet HTML 78Page - STMicroelectronics UPSD3312DV Datasheet HTML 79Page - STMicroelectronics UPSD3312DV Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I/O ports of MCU module
UPSD33xx
76/272
Doc ID 9685 Rev 7
17
I/O ports of MCU module
The MCU module has three 8-bit I/O ports: Port 1, Port 3, and Port 4. The PSD module has
four other I/O ports: Port A, B, C, and D. This section describes only the I/O ports on the
MCU module.
I/O ports will function as bi-directional General Purpose I/O (GPIO), but the port pins can
have alternate functions assigned at run-time by writing to specific SFRs. The default
operating mode (during and after reset) for all three ports is GPIO input mode. Port pins that
have no external connection will not float because each pin has an internal weak pull-up
(~150 kOhms) to VCC.
I/O ports 3 and 4 are 5 V tolerant, meaning they can be driven/pulled externally up to 5.5 V
without damage. The pins on Port 4 have a higher current capability than the pins on Ports 1
and 3.
Three additional MCU ports (only on 80-pin UPSD33xx devices) are dedicated to bring out
the 8032 MCU address, data, and control signals to external pins. One port, named
MCUA[11:8], contains four MCU address signal outputs. Another port, named MCUAD[7:0],
has eight multiplexed address/data bidirectional signals. The third port has MCU bus control
outputs: read, write, program fetch, and address latch. These ports are typically used to
connect external parallel peripherals and memory devices, but they may NOT be used as
GPIO. Notice that only four of the eight upper address signals come out to pins on the port
MCUA[11:8]. If additional high-order address signals are required on external pins (MCU
addresses A[15:12]), then these address signals can be brought out as needed to PLD
output pins or to the Address Out mode pins on PSD module ports. See Section 27.4.39:
Latched address output mode on page 214 for details.
Figure 15 on page 78 represents the flexibility of pin function routing controlled by the SFRs.
Each of the 24 pins on three ports, P1, P3, and P4, may be individually routed on a pin-by-
pin basis to a desired function.
17.1
MCU port operating modes
MCU port pins can operate as GPIO or as alternate functions (see Figure 16 through
Figure 18 on page 80).
Depending on the selected pin function, a particular pin operating mode will automatically
be used:
●
GPIO - quasi-bidirectional mode
●
UART0, UART1 - quasi-bidirectional mode
●
SPI - quasi-bidirectional mode
●
I2C - open drain mode
●
ADC - analog input mode
●
PCA output - push-pull mode
●
PCA input - input only (quasi-bidirectional)
●
Timer 0,1,2 - input only (quasi-bidirectional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com