Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 198 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 198 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 198Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 199Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 200Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 201Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
RTR
The Remote Transmission Request bit indicates whether the message is a data frame or a
remote frame.
0 – Message is a data frame.
1 – Message is a remote frame.
ID
The ID field is used for the 11 standard frame identifier bits.
Table 22-10. Standard Frame with 8 Data Bytes
Buffer
Address
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Register
BASE + 00h
CNSTAT
DLC
Reserved
PRI
ST
BASE + 04h
TSTP
TSTP[15:0]
BASE + 08h
DATA3
Data7[7:0]
Data8[7:0]
BASE + 0Ch
DATA2
Data5[7:0]
Data6[7:0]
BASE + 10h
DATA1
Data3[7:0]
Data4[7:0]
BASE + 14h
DATA0
Data1[7:0]
Data2[7:0]
BASE + 18h
ID0
Don't Care
BASE + 1Ch
ID1
ID[10:0]
RTR
IDE
Don't Care
22.10.3 Storage of Messages with Less Than 8 Data Bytes
The data bytes that are not used for data transfer are “don’t cares”. If the object is transmitted, the data
within these bytes will be ignored. If the object is received, the data within these bytes will be overwritten
with invalid data.
22.10.4 Storage of Extended Messages
If the IDE bit is set, the buffer handles extended frames. The storage of the extended ID follows the
descriptions in Table 22-11. The SRR bit is at the bit position of the RTR bit for standard frame and needs
to be transmitted as 1.
Table 22-11. Extended Messages with 8 Data Bytes
Buffer
Address
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Register
BASE + 00h
CNSTAT
DLC
Reserved
PRI
ST
BASE + 04h
TSTP
TSTP
BASE + 08h
DATA3
Don't Care
BASE + 0Ch
DATA2
BASE + 10h
DATA1
BASE + 14h
DATA0
BASE + 18h
ID0
ID[14:0]
RTR
BASE + 1Ch
ID1
ID[28:18]
SRR
IDE
ID17:15]
SRR
The Substitute Remote Request bit replaces the RTR bit used in standard frames at this bit
position. The SRR bit needs to be set by software.
IDE
The Identifier Extension bit determines whether the message is a standard frame or an extended
frame.
0 – Message is a standard frame using 11 identifier bits.
1 – Message is an extended frame.
RTR
The Remote Transmission Request bit indicates whether the message is a data frame or a
remote frame.
0 – Message is a data frame.
1 – Message is a remote frame.
198
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com