Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 224 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 224 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 220Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 221Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 222Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 223Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 224Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 225Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 226Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 227Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 407 page
background image
DMA Slot
Assignment
TX
DS
A
=
1
TXDSA = 0
ARSR
SRD
RX
FIFO
ARDR 0
DMA
Request 1
IRQ
DMA Slot
Assignment
R
XD
S A
=
1
R XDSA = 0
ATSR
STD
TX
FIFO
ATDR 0
DMA
Request 0
IRQ
DS054
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 24-2. IRQ/DMA Support in Normal Mode
24.2.3.3 Network Mode
In network mode, each frame is composed of multiple slots. Each slot may transfer 8 or 16 bits. All of the
slots in a frame must have the same length. In network mode, the sync signal marks the beginning of a
new frame.
More than two devices can communicate within a network using the same clock and data lines. The
devices connected to the same bus use a time-multiplexed approach to share access to the bus. Each
device has certain slots assigned to it, in which only that device is allowed to transfer data. One master
device provides the bit clock and the frame sync signal(s). On all other (slave) devices, the bit clock and
frame sync pins are inputs.
Up to four slots can be assigned to the AAI, as it supports up to four slots per frame. Any other slots within
the frame are reserved for other devices.
The transmitter only drives data on the STD pin during slots which have been assigned to the AAI. During
all other slots, the STD output is in high-impedance mode, and data can be driven by other devices. The
assignment of slots to the transmitter is specified by the Transmit Slot Assignment bits (TXSA) in the
ATCR register. It can also be specified whether the data to be transmitted is transferred from the transmit
FIFO or the corresponding DMA transmit register. There is one DMA transmit register (ATDRn) for each of
the maximum four data slots. Each slot can be configured independently.
On the receiver side, only the valid data bits which were received during the slots assigned to this
interface are copied into the receive FIFO or DMA registers. The assignment of slots to the receiver is
specified by the Receive Slot Assignment bits (RXSA) in the ATCR register. It can also be specified
whether the received data is copied into the receive FIFO or into the corresponding DMA receive register.
There is one DMA receive register (ARDRn) for each of the maximum four data slots. Each slot may be
configured individually.
Figure 24-3 shows the frame timing while operating in network mode with four slots per frame, slot 1
assigned to the interface, and a long frame sync interval.
224
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com