Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 228 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 228 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 224Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 225Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 226Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 227Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Example:
The audio interface is used to transfer 13-bit linear PCM data for one audio channel at a sample rate of 8k
samples per second. The input clock of the audio interface is 12MHz. Furthermore, the codec requires a
minimum bit clock of 256 kHz to operate properly. Therefore, the number of slots per frame must be set to
2 (network mode) although actually only one slot (slot 0) is used. The codec and the audio interface will
put their data transmit pins in TRI-STATE mode after the PCM data word has been transferred. The
required bit clock rate fbit can be calculated by the following equation:
fbit = n × fSample × Data Length = 2 × 8 kHz × 16 = 256 kHz
The ideal required prescaler value Pideal can be calculated as follows:
Pideal = fAudio In / fbit = 12 MHz / 256 kHz = 46.875
Therefore, the real prescaler value is 47. This results in a bit clock error equal to:
fbit_error = (fbit – fAudio In/Preal)/fbit × 100 = (256 kHz – 12 MHz/47) / 256 kHz × 100 = 0.27%
24.4 Frame Clock Generation
The clock for the frame synchronization signals is derived from the bit clock of the audio interface. A 7-bit
prescaler is used to divide the bit clock to generate the frame sync clock for the receive and transmit
operations. The bit clock is divided by FCPRS + 1. In other words, the value software must write into the
ACCR.FCPRS field is equal to the bit number per frame minus one. The frame may be longer than the
valid data word but it must be equal to or larger than the 8-bit or 16-bit word. Even if 13-, 14-, or 15-bit
data is being used, the frame width must always be at least 16 bits wide.
In addition, software can specify the length of a long frame sync signal. A long frame sync signal can be
either 6, 13, 14, 15, or 16 bits long, depending on the external codec being used. The frame sync length
can be configured by the Frame Sync Length field (FSL) in the AGCR register.
24.5 Audio Interface Operation
24.5.1 Clock Configuration
An auxiliary clock (generated by the Clock module described in Section 14.7) must be configured to
provide a 12 MHz input clock as a time base for the AAI module. The CSS bit in the ACCR register
selects whether the input clock is Auxiliary Clock 1 or Auxiliary Clock 8.
24.5.2 Interrupts
The interrupt logic of the AAI combines up to four interrupt sources and generates one interrupt request
signal to the Interrupt Control Unit (ICU).
The four interrupt sources are:
•
RX FIFO Overrun – AISCR.RXEIP = 1
•
RX FIFO Almost Full (Warning Level) – AISCR.RXIP = 1
•
TX FIFO Under run – AISCR.TXEIP = 1
•
TX FIFO Almost Empty (Warning Level) – AISCR.TXIP=1
In addition to the dedicated input to the ICU for handling these interrupt sources, the Serial Frame Sync
(SFS) signal is the WUI26 input to the MIWU (see Section 17), which can be programmed to assert edge-
triggered interrupts.
Figure 24-6 shows the interrupt structure of the AAI.
228
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com