Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 227 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 227 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 223Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 224Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 225Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 226Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 227Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 228Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Because four of the six AAI DMA requests can be handled by either the CPU or DSP DMA controllers,
these DMA requests are passed through the Audio Subsystem Controller (ASC), which is programmed to
route them to the DMA controller. To use these AAI DMA requests, they must be enabled at three levels:
•
AAI module—the DMA requests must be enabled in the ADMACR register.
•
ASC module—the AAI DMA requests are assigned to ASC DMA channels 6 (ARDR0), 7 (ATDR0), 8
(ARDR1), and 9 (ATDR1). These channels are controlled by bits 6, 7, 8, and 9 in the ASCDMASEL0
register, respectively. The bits must be clear to select the CPU DMA controller or set to select the DSP
DMA controller. If the DSP DMA controller is selected, the DSP DMA channel must be enabled in the
ASCDDMASELn registers.
•
DMA controller—the DMA request must be enabled in the DMA controller. For the CPU DMA
controller, these are DMA requests 6 (ARDR0), 7 (ATDR0), 8 (ARDR1), and 9 (ATDR1).
24.3 Bit Clock Generation
An 8-bit prescaler is provided to divide the audio interface input clock down to the required bit clock rate.
Software can choose between two input clock sources, Auxiliary Clock 1 and Auxiliary Clock 8.
The input clock is divided by the value of the prescaler BCPRS7:0 + 1 to generate the bit clock.
The bit clock rate fbit can be calculated by the following equation:
fbit = n × fSample × Data Length
n = Number of Slots per Frame
fSample = Sample Frequency in Hz
Data Length = Length of data word in multiples of 8 bits
The ideal required prescaler value Pideal can be calculated as follows:
Pideal = fAudio In / fbit
fAudio In = Source Clock Frequency in Hz
The real prescaler must be set to an integer value, which should be as close as possible to the ideal
prescaler value, to minimize the bit clock error, fbit_error.
fbit_error [%] = (fbit – fAudio In/Preal) / fbit × 100
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
227
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com