Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 233 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 233 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 229Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 230Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 407 page
background image
SCK
STD
DS161
SFS
ACD0
13-bit PCM Data Word
Audio
Control
Bits
16-bit Slot
ACD1
ACD2
D1
D0
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
24.6.3 Audio Control Data
The audio interface provides the option to fill a 16-bit slot with up to three data bits if only 13, 14, or 15
PCM data bits are transmitted. These additional bits are called audio control data and are appended to the
PCM data stream. The AAI can be configured to append either 1, 2, or 3 audio control bits to the PCM
data stream. The number of audio data bits to be used is specified by the 2-bit Audio Control On (ACO)
field. If the ACO field is not equal to 0, the specified number of bits are taken from the Audio Control Data
field (ACD) and appended to the data stream during every transmit operation. The ADC0 bit is the first bit
added to the transmit data stream after the last PCM data bit. Typically, these bits are used for gain
control, if this feature is supported by the external PCM codec. Figure 24-8 shows a 16-bit slot comprising
a 13-bit PCM data word plus three audio control bits.
Figure 24-8. Audio Slot with Audio Control Data
24.6.4 IOM-2 Mode
The AAI can operate in a special IOM-2 compatible mode to allow to connect to an external ISDN
controller device. In this IOM-2 mode, the AAI can only operate as a slave, i.e., the bit clock and frame
sync signal is provided by the ISDN controller. The AAI only supports the B1 and B2 data of the IOM-2
channel 0, but ignores the other two IOM-2 channels. The AAI handles the B1 and B2 data as one 16-bit
data word.
The IOM-2 interface has the following properties:
•
Bit clock of 1536 kHz (output from the ISDN controller)
•
Frame repetition rate of 8 ksps (output from the ISDN controller)
•
Double-speed bit clock (one data bit is two bit clocks wide)
•
B1 and B2 data use 8-bit log PCM format
•
Long frame sync pulse
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
233
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com