Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 237 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 237 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
ATDL
The Audio Transmit DMA Low Byte field holds the lower byte of the audio data.
ATDH
In 16-bit mode, the Audio Transmit DMA High Byte field holds the upper byte of the audio
data word. In 8-bit mode, the ATDH field is ignored.
24.7.5 Audio Global Configuration Register (AGCR)
The AGCR register controls the basic operation of the interface. The APB bus master has read/write
access to the AGCR register. After reset, this register is clear.
7
6
5
4
3
2
1
0
IEBC
FSS
IEFS
SCS
LPB
DWL
ASS
15
14
13
12
11
10
9
8
CLKEN
AAIEN
IOM2
IFS
FSL
CTF
CRF
ASS
The Asynchronous/Synchronous Mode Select bit controls whether the audio interface operates
in Asynchronous or in Synchronous mode.
0 – Synchronous mode.
1 – Asynchronous mode.
DWL
The Data Word Length bit controls whether the data word has a length of 8 or 16 bits.
0 – 8-bit length.
1 – 16-bit length.
LPB
The Loop Back bit enables the loop back mode. In this mode, the SRD and STD pins are
internally connected. After reset the LPB bit is clear, so by default the loop back mode is
disabled.
0 – Loop back mode disabled.
1 – Loop back mode enabled.
SCS
The Slot Count Select field specifies the number of slots within each frame. If the number of
slots per frame is equal to 1, the audio interface operates in normal mode. If the number of slots
per frame is greater than 1, the interface operates in network mode.
SCS
NUMBER OF SLOTS PER
MODE
FRAME
0
1
Normal mode
1
2
Network mode
10
3
Network mode
11
4
Network mode
IEFS
The Internal/External Frame Sync bit controls, whether the frame sync signal for the receiver
and transmitter are generated internally or provided from an external source.
0 – Internal frame synchronization signal.
1 – External frame synchronization signal.
FSS
The Frame Sync Select bit controls whether the interface (receiver and transmitter) uses long or
short frame synchronization signals.
0 – Short (bit length) frame synchronization signal.
1 – Long (word length) frame synchronization signal.
IEBC
The Internal/External Bit Clock bit controls whether the bit clocks for receiver and transmitter are
generated internally or provided from an external source.
0 – Internal bit clock.
1 – External bit clock.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
237
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com