Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 238 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 238 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
CRF
The Clear Receive FIFO bit is used to clear the receive FIFO. When this bit is written with a 1,
all pointers of the receive FIFO are set to their reset state. After updating the pointers, the CRF
bit will automatically be cleared again.
0 – Writing 0 has no effect.
1 – Writing 1 clears the receive FIFO.
CTF
The Clear Transmit FIFO bit is used to clear the transmit FIFO. When this bit is written with a 1,
all pointers of the transmit FIFO are set to their reset state. After updating the pointers, the CTF
bit will automatically be cleared again.
0 – Writing 0 has no effect.
1 – Writing 1 clears the transmit FIFO.
FSL
The Frame Sync Length field specifies the length of the frame synchronization signal, when a
long frame sync signal (FSS = 1) and a 16-bit data word length
(DWL = 1) are used. If an 8-bit data word length is used, long frame syncs are always 6 bit
clocks in length.
FSL
FRAME SYNC LENGTH
00
13 bit clocks
01
14 bit clocks
10
15 bit clocks
11
16 bit clocks
IFS
The Inverted Frame Sync bit controls the polarity of the frame sync signal.
0 – Active-high frame sync signal.
1 – Active-low frame sync signal.
IOME
The IOM-2 Mode bit selects the normal PCM interface mode or a special IOM-2 mode used to
connect to external ISDN controller devices. The AAI can only operate as a slave in the IOM-2
mode, i.e. the bit clock and frame sync signals are provided by the ISDN controller. If the IOM2
bit is clear, the AAI operates in the normal PCM interface mode used to connect to external
PCM codecs and other PCM audio devices.
0 – IOM-2 mode disabled.
1 – IOM-2 mode enabled.
AAIEN
The AAI Enable bit controls whether the Advanced Audio Interface is enabled. When the AAI is
disabled, all AAI registers remain accessible.
0 – AAI module disabled.
1 – AAI module enabled.
CLKEN
The Clock Enable bit controls whether the Advanced Audio Interface clock is enabled. The
CLKEN bit must be set to allow access to any AAI register. It must also be set before any other
bit of the AGCR can be set. The CLKEN bit is clear after reset.
0 – AAI module clock disabled.
1 – AAI module clock enabled.
24.7.6 Audio Interrupt Status and Control Register (AISCR)
The AISCR register is used to specify the source and the conditions, when the audio interface interrupt is
asserted to the Interrupt Control Unit. It also holds the interrupt pending bits and the corresponding
interrupt clear bits for each audio interface interrupt source. The APB bus master has read/ write access to
the AISCR register. After reset, this register is clear.
7
6
5
4
3
2
1
0
TXEIP
TXIP
RXEIP
RXIP
TXEIE
TXIE
RXEIE
RXIE
15
12
11
10
9
8
Reserved
TXEIC
TXIC
RXEIC
RXIC
238
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com