Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 240 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 240 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
24.7.7 Audio Receive Status and Control Register (ARSCR)
The ARSCR register is used to control the operation of the receiver path of the audio interface. It also
holds bits which report the current status of the receive FIFO. The APB bus master has read/write access
to the ARSCR register. At reset, this register is cleared to 0000h, but after enabling the AAI clock it
becomes 0004h.
15
12 11
8 7
4
3
2
1
0
RXFWL
RXDSA
RXSA
RXO
RXE
RXF
RXAF
RXAF
The Receive Buffer Almost Full bit is set when the number of data bytes/words in the receive
buffer is equal to the specified warning limit.
0 – Receive FIFO below warning limit.
1 – Receive FIFO is almost full.
RXF
The Receive Buffer Full bit is set when the receive buffer is full. The RXF bit is set when the
RWP is equal to the RRP and the last access was a write to the FIFO.
0 – Receive FIFO is not full.
1 – Receive FIFO full.
RXE
The Receive Buffer Empty bit is set when the RRP is equal to the RWP and the last access to
the FIFO was a read operation (read from ARDR).
0 – Receive FIFO is not empty.
1 – Receive FIFO is empty.
RXO
The Receive Overflow bit indicates that a receive shift register has overrun. This occurs, when
a completed data word has been shifted into ARSR, while the receive FIFO was already full
(the RXF bit was set). In this case, the new data in ARSR will not be copied into the FIFO and
the RWP will not be incremented. Also, no receive interrupt and DMA request will generated.
0 – No overflow has occurred.
1 – Overflow has occurred.
RXSA
The Receive Slot Assignment field specifies which slots are recognized by the receiver of the
audio interface. Multiple slots may be enabled. If the frame consists of less than 4 slots, the
RXSA bits for unused slots are ignored. For example, if a frame only consists of 2 slots, RXSA
bits 2 and 3 are ignored. The following table shows the slot assignment scheme.
RXSA BIT
SLOTS ENABLED
RXSA0
0
RXSA1
1
RXSA2
2
RXSA3
3
After reset the RXSA field is clear, so software must load the correct slot assignment.
RXDSA The Receive DMA Slot Assignment field specifies which slots (audio channels) are supported
by DMA. If the RXDSA bit is set for an assigned slot (RXSAn = 1), the data received within this
slot will not be transferred into the receive FIFO, but will instead be written into the
corresponding Receive DMA data register (ARDRn). If the ARDRn register is full and the RMA
bit is set, a DMA request is asserted. If the RXSA bit for a slot is clear, the RXDSA bit is
ignored. The following table shows the DMA slot assignment scheme. RXDSA3 must be 0.
RXDSA BIT
SLOTS ENABLED FOR DMA
RXDSA0
0
RXDSA1
1
RXDSA2
2
240
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com