Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 244 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 244 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 407 page
background image
Slot 1
1/(8 kHz) = 125 us Frame
Slot 0
SFS
SRCLK
(SFS1)
STD/SRD
Data from/to
Codec 1
Data from/to
Codec 2
Slot 2
Slot 3
DS372
High Impedance
Frame Sync
for Codec 2
Frame Sync
for Codec 1
CP3SP33
MSM7717
SFS
XSYNC
SCK
BCLK
DS371
STD
PCMIN
SRCLK/SFS1
RSYNC
SRD
PCMOUT
MSM7717
XSYNC
BCLK
PCMIN
RSYNC
PCMOUT
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 24-11. Interface to Two External Codecs
Figure 24-12. Codec Data on Two Slots
25 I
2S Interface
The Inter-IC Sound (I2S) bus is a popular 3-wire serial bus for interface to audio chips, such as codecs.
This is a simple data interface, without any form of address or device selection. On an I2S bus, there is
only one bus master and one transmitter, but the master is not necessarily a transmitter or a receiver. The
master may be a transmitter, a receiver, or a controller for data transfers between other devices acting as
transmitter and receiver. In high-quality audio applications involving a codec, the codec is typically the
master so that it has precise control over the I2S bus clock.
The I2S bus carries two channels, left and right, which are typically used to carry stereo audio data
streams. The data alternates between left and right channels, as controlled by a word select signal driven
by the bus master.
244
Copyright © 2013, Texas Instruments Incorporated
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com