Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 242 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 242 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
TXDSA BIT
SLOTS ENABLED FOR DMA
TXDSA0
0
TXDSA1
1
TXDSA2
2
TXFWL The Transmit FIFO Warning Level field specifies when a transmit interrupt is asserted. A
transmit interrupt is asserted when the number of bytes or words in the transmit FIFO is equal
or less than the warning level value. A TXFWL value of Fh means that a transmit interrupt is
asserted if one or more bytes or words are available in the transmit FIFO. At reset, the TXFWL
field is loaded with Fh.
24.7.9 Audio Clock Control Register (ACCR)
The ACCR register is used to control the bit timing of the audio interface. After reset, this register is clear.
15
8 7
1
0
BCPRS
FCPRS
CSS
CSS
The Clock Source Select bit selects one out of two possible clock sources for the audio
interface.
0 – Auxiliary Clock 1.
1 – Auxiliary Clock 8.
FCPRS The Frame Clock Prescaler is used to divide the bit clock to generate the frame clock for the
receive and transmit operations. The bit clock is divided by (FCPRS + 1). After reset, the
FCPRS field is clear. The maximum allowed bit clock rate to achieve an 8 kHz frame clock is
1024 kHz. This value must be set correctly even if the frame sync is generated externally.
BCPRS The Bit Clock Prescaler is used to divide the audio interface clock (selected by the CSS bit) to
generate the bit clock for the receive and transmit operations. The audio interface input clock is
divided by (BCPRS + 1). After reset, the BCPRS7:0 bits are clear.
24.7.10 Audio DMA Control Register (ADMACR)
The ADMACR register is used to control the DMA support of the audio interface. In addition, it is used to
configure the automatic transmission of the audio control bits. After reset, this register is clear.
15
13 12
11 10
8 7
4 3
0
Reserved
ACO
ACD
TMD
RMD
RMD
The Receive Master DMA field specify which slots (audio channels) are supported by DMA, i.e.,
when a DMA request is asserted to the DMA controller. If the RMDn bit is set for an assigned
slot (RXDSAn = 1), a DMA request is asserted when the ARDRn register is full. If the RXDSAn
bit for a slot is clear, the RMDn bit is ignored. The following table shows the receive DMA
request scheme.
RMD
DMA REQUEST CONDITION
0000
None
0001
ARDR0 full
0010
ARDR1 full
0011
ARDR0 full or ARDR1 full
x1xx
Not supported on CP3SP33
1xxx
242
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com