Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 243 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 243 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 241Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
TMD
The Transmit Master DMA field specifies which slots (audio channels) are supported by DMA,
i.e., when a DMA request is asserted to the DMA controller. If the TMD field is set for an
assigned slot (TXDSAn = 1), a DMA request is asserted when the ATDRn register is empty. If
the TXDSA bit for a slot is clear, the TMD field is ignored. The following table shows the transmit
DMA request scheme.
TMD FIELD
DMA REQUEST CONDITION
0000
None
0001
ATDR0 empty
0010
ATDR1 empty
0011
ATDR0 empty or ATDR1 empty
x1xx
Not supported on CP3SP33
1xxx
ACD
The Audio Control Data field is used to fill the remaining bits of a 16-bit slot if only 13, 14, or 15
bits of PCM audio data are transmitted.
ACO
The Audio Control Output field controls the number of control bits appended to the PCM data
word.
00 – No Audio Control bits are appended.
01 – Append ACD0.
10 – Append ACD1:0.
11 – Append ACD2:0.
24.8 Usage Example
The following example shows the AAI being used to interface to two single-channel codecs. The interface
has the following characteristics:
•
Synchronous mode
•
8-bit data word
•
Network mode with 4 slots per frame
•
Slot 0 is assigned for Audio interface - Codec 1 communication (receive and transmit)
•
Slot 1 assigned for Audio interface - Codec 2 communication (receive and transmit)
•
Slots 2 and 3 unused
•
Internal long frame synch pulse
•
Internal shift clock, adjusted to achieve a 64 kb/s log PCM audio quality
•
Frame rate set to 8 kHz (see below)
•
Bit clock set to 256 kHz (see below)
It is not currently possible for the AAI to produce an exact 8 kHz frame rate together with an exact 256
kHz bit rate from a 12-MHz clock input. If this is used in a system containing a component that requires
data at a frame rate of precisely 8 kHz (including the CVSD/PCM converter), then an audio artifact may be
produced. If a PLL clock generator is available, it can be used to provide an input clock of the frequency
required to provide suitable derivative frequencies.
Figure 24-11 shows the connections between the AAI and the external codecs. Figure 24-12 shows the
timing of the interface.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
243
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com