Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 247 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 247 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 407 page
background image
Mode
Bits 31:24
Bits 23:16
Bits 15:8
Bits 7:0
00
Data
01
Data
10
Data
11
Data
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Error interrupts may be enabled for receive FIFO overrun and transmit FIFO underrun. A receive FIFO
overrun occurs on writing to a full receive FIFO. A transmit FIFO underrun occurs on reading from an
empty transmit FIFO. The RXER bit in the I2SRXCTL register enables receive error interrupts, and the
TXER bit enables transmit error interrupts.
To avoid a transmit FIFO underrun, the TXFIFOENL and TXFIFOENR bits allow enabling the transmit
FIFOs for loading before enabling the transmitter. However, as soon as the I2SCLK and I2SSWS signals
are active, the right transmit FIFO is drained. In slave mode, these signals can be disabled in the GPIO
registers until transmission is required. In master mode, the MS bit can be used to control the signals.
25.2 Data Alignment
Four alignment modes are available for the data registers, as shown in Figure 25-4. The RXALIGN field in
the I2SRXCTL register specifies the receiver mode, and the TXALIGN field in the I2STXCTL register
specifies the transmitter mode. If the receiver format has more bits than the mode, the least significant bits
are truncated. If the transmitter format has more bits than the mode, the least significant bits are padded
with the value in the LSBFILL bit.
Figure 25-4. Data Register Alignment Modes
25.3 I
2S Interface Registers
Table 25-1 lists the registers in the I2S interface.
Table 25-1. I2S Interface Registers
NAME
ADDRESS
DESCRIPTION
I2SCLK
FF 4000h
I2S Clock Register
I2SRXCTL
FF 4004h
I2S Receiver Control Register
I2STXCTL
FF 4008h
I2S Transmitter Control Register
I2SSTAT
FF 401Ch
I2S Status Register
I2SRXDATALEFT
FF 4014h
I2S Receiver Left Channel Data Register
I2SRXDATARIGHT
FF 4018h
I2S Receiver Right Channel Data Register
I2STXDATALEFT
FF 400Ch
I2S Transmitter Left Channel Data Register
I2STXDATARIGHT
FF 4010h
I2S Transmitter Right Channel Data Register
25.3.1 I
2S Clock Register (I2SCLK)
The I2SCLK register is a 32-bit, read/write register that controls clock configuration, master/slave select,
and word length. Before enabling master mode (MS bit = 1), the CLKSEL, CLKDIV, and WSRES
fields must be loaded. These fields can only be loaded in slave mode (MS bit = 0), so after enabling
master mode, the interface must be returned to slave mode to change any of their values. At reset, this
register is initialized to 0007 0000h.
Copyright © 2013, Texas Instruments Incorporated
247
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com