Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 246 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 246 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 242Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 243Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 244Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 245Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 246Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 247Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 407 page
background image
I2SSCK
Left Channel
DS440
I2SSWS
I2SSDI,
I2SSDO
5
3
4
2
1
0
5
Right Channel
4
3
2
0
1
LSB
LSB
I2SSCK
Left Channel
DS439
I2SSWS
I2SSDI,
I2SSDO
N-1
N
N-1
N
Right Channel
N-2
N-3
N-4
MSB
MSB
N-2
N-3
N-4
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 25-2. Left-Justified Format
Figure 25-3 shows the timing of a right-justified data transfer.
Figure 25-3. Right-Justified Format
25.1 Interrupts and DMA
Programmable thresholds are provided for the transmit and receive FIFOs to assert interrupt or DMA
requests when the transmit FIFO can accept new data or the receive FIFO needs to be unloaded.
Because the requests can be handled by either the CPU or DSP interrupt and DMA controllers, the
requests are passed through the Audio Subsystem Controller (ASC). To use the interrupt or DMA
requests, they must be enabled at three levels:
•
I2S Module—the RXLI and RXRI bits in the I2SRXCTL register must be set to enable the receiver
interrupt requests for the left and right channels, respectively. The RXLD and RXRD bits enable the
receiver DMA requests. The TXLI and TXRI bits in the I2STXCTL register enable the transmitter
interrupt requests. The TXLD and TXRD bits enable the transmitter DMA requests.
•
ASC Module—the I2S interrupt is assigned to ASC interrupt channel. Bit 6 in the ASCINTSEL register
must be clear to select CPU interrupt controller or set to select the DSP interrupt controller. The I2S
DMA requests are assigned to ASC DMA channels 14, 15, 16, and 17. For the receiver DMA requests,
ASCDMASEL0 register bits 14 and 15 for the left and right channels, respectively, must be clear to
select CPU DMA controller or set to select the DSP DMA controller. For the transmitter DMA requests,
ASCDMASEL1 register bits 0 and 1 for the left and right channels, respectively, must be clear to select
CPU DMA controller or set to select the DSP DMA controller.
•
Interrupt or DMA Controller—the request must be enabled in the interrupt or DMA controller. For the
CPU interrupt controller, this is interrupt request IRQ26. For the CPU DMA controller, DMA requests 14
and 15 are used by the receiver left and right channels, respectively, and DMA requests 16 and 17 are
used by the transmitter left and right channels.
246
Copyright © 2013, Texas Instruments Incorporated
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com