Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 236 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 236 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
15
8M M7
0
ARFH
ARFL
ARFL
The Audio Receive FIFO Low Byte shows the lower byte of the receive FIFO location currently
addressed by the Receive FIFO Read Pointer (RRP).
ARFH
The Audio Receive FIFO High Byte shows the upper byte of the receive FIFO location
currently addressed by the Receive FIFO Read Pointer (RRP). In 8-bit mode, ARFH contains
undefined data.
24.7.2 Audio Receive DMA Register n (ARDRn)
The ARDRn register contains the data received within slot n, assigned for DMA support. In 8-bit mode,
only the lower 8-bit portion of the ARDRn register is used, and the upper byte contains undefined data. In
16-bit mode, a 16-bit word is transferred from the Audio Receive Shift Register (ARSR) into the ARDRn
register. The APB bus master, typically a DMA controller, has read-only access to the receive DMA
registers. After reset, these registers are clear.
15
8M M7
0
ARDH
ARDL
ARDL
The Audio Receive DMA Low Byte field receives the lower byte of the audio data copied from
the ARSR.
ARDH
In 16-bit mode, the Audio Receive DMA High Byte field receives the upper byte of the audio
data word copied from ARSR. In 8-bit mode, the ARDH register holds undefined data.
24.7.3 Audio Transmit FIFO Register (ATFR)
The ATFR register shows the transmit FIFO location currently addressed by the Transmit FIFO Write
Pointer (TWP). The Audio Transmit Shift Register (ATSR) receives 8-bit or 16-bit data from the transmit
FIFO, when the ATSR is empty. In 8-bit mode, only the lower 8-bit portion of the ATSR is used, and the
upper byte is ignored (not transferred into the ATSR). In 16-bit mode, a 16-bit word is copied from the
transmit FIFO into the ATSR. The APB bus master has write-only access to the transmit FIFO,
represented by the ATFR register. After reset, the transmit FIFO (ATFR) contains undefined data.
15
8M M7
0
ATFH
ATFL
ATFL
The Audio Transmit Low Byte field represents the lower byte of the transmit FIFO location
currently addressed by the Transmit FIFO Write Pointer (TWP).
ATFH
In 16-bit mode, the Audio Transmit FIFO High Byte field represents the upper byte of the
transmit FIFO location currently addressed by the Transmit FIFO Write Pointer (TWP). In 8-bit
mode, the ATFH field is not used.
24.7.4 Audio Transmit DMA Register n (ATDRn)
The ATDRn register contains the data to be transmitted in slot n, assigned for DMA support. In 8-bit
mode, only the lower 8-bit portion of the ATDRn register is used, and the upper byte is ignored (not
transferred into the ATSR). In 16-bit mode, the whole 16-bit word is transferred into the ATSR. The APB
bus master, typically a DMA controller, has write-only access to the transmit DMA registers. After reset,
these registers are clear.
15
8M M7
0
ATDH
ATDL
236
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com