Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 235 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 235 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 231Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 232Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 233Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 234Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 235Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 236Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 237Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 238Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
24.6.5 Loopback Mode
In loopback mode, the STD and SRD pins are internally connected together, so data shifted out through
the ATSR register will be shifted into the ARSR register. This mode may be used for development, but it
also allows testing the transmit and receive path without external circuitry, for example during Built-In-Self-
Test (BIST).
24.6.6 Freeze Mode
When the Freeze mode is entered, the audio interface exhibits the following behavior:
•
The receive FIFO or receive DMA registers are not updated with new data.
•
The receive status bits (RXO, RXE, RXF, and RXAF) are not changed, even though the receive FIFO
or receive DMA registers are read
•
The transmit shift register (ATSR) is not updated with new data from the transmit FIFO or transmit
DMA registers.
•
The transmit status bits (TXU, TXF, TXE, and TXAE) are not changed, even though the transmit FIFO
or transmit DMA registers are written.
24.7 Audio Interface Registers
Table 24-1. Audio Interface Registers
NAME
ADDRESS
DESCRIPTION
ARFR
FF 5000h
Audio Receive FIFO Register
ARDR0
FF 5004h
Audio Receive DMA Register 0
ARDR1
FF 5008h
Audio Receive DMA Register 1
ARDR2
FF 500Ch
Audio Receive DMA Register 2
ARDR3
FF 5010h
Audio Receive DMA Register 3
ATFR
FF 5014h
Audio Transmit FIFO Register
ATDR0
FF 5018h
Audio Transmit DMA Register 0
ATDR1
FF 501Ch
Audio Transmit DMA Register 1
ATDR2
FF 5020h
Audio Transmit DMA Register 2
ATDR3
FF 5024h
Audio Transmit DMA Register 3
AGCR
FF 5028h
Audio Global Configuration Register
AISCR
FF 502Ch
Audio Interrupt Status and Control Register
ARSCR
FF 5030h
Audio Receive Status and Control Register
ATSCR
FF 5034h
Audio Transmit Status and Control Register
ACCR
FF 5038h
Audio Clock Control Register
ADMACR
FF 503Ch
Audio DMA Control Register
24.7.1 Audio Receive FIFO Register (ARFR)
The Audio Receive FIFO register shows the receive FIFO location currently addressed by the Receive
FIFO Read Pointer (RRP). The receive FIFO receives 8-bit or 16-bit data from the Audio Receive Shift
Register (ARSR), when the ARSR is full.
In 8-bit mode, only the lower byte of the ARFR is used, and the upper byte contains undefined data. In 16-
bit mode, a 16-bit word is copied from ARSR into the receive FIFO. The APB bus master has read-only
access to the receive FIFO, represented by the ARFR register. After reset, the receive FIFO (ARFR)
contains undefined data.
Copyright © 2013, Texas Instruments Incorporated
Advanced Audio Interface
235
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com