Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 252 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 252 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 248Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 249Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 250Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 251Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 252Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 253Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 254Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
TXLIRQ
The Transmit Left Channel Interrupt Request Pending bit is set when the
I2STXCTL.TXLI bit is set and the left channel transmit FIFO fill level falls below the
threshold specified in the I2STXCTL.TXFIFOTHRESH field. Once set, the TXLIRQ bit
remains set until cleared by writing 1 to the bit.
0 – Interrupt request deasserted.
1 – Interrupt request asserted.
TXERIRQ
The Transmit Error Interrupt Request Pending bit is set when the I2STXCTL.TXER bit is
set and either transmit FIFO has been underrun. Once set, the TXERIRQ bit remains
set until cleared by writing 1 to the bit.
0 – Interrupt request deasserted.
1 – Interrupt request asserted.
TXSTATUSL
The Transmit FIFO Status Left Channel field indicates the current fill level of the left
channel transmit FIFO. This field is not sticky, so an underrun condition may disappear
before software reads this field. Use the TXERIRQ bit to determine whether a FIFO
underrun has occurred. The TXST bit in the I2STXCTL register controls the
interpretation of this field.
TXSTATUSL FIELD
TXST BIT
DESCRIPTION
1Fh
X
Overrun error (written while full)
1Eh
X
Underrun error (read while empty)
00h to 08h
0
0 to 8 empty words
00h to 08h
1
0 to 8 filled words
RXRIRQ
The Receive Right Channel Interrupt Request Pending bit is set when the
I2SRXCTL.RXRI bit is set and the right channel receive FIFO fill level rises above the
threshold specified in the I2SRXCTL.RXFIFOTHRESH field. Once set, the RXRIRQ bit
remains set until cleared by writing 1 to the bit.
0 – Interrupt request deasserted.
1 – Interrupt request asserted.
RXLIRQ
The Receive Left Channel Interrupt Request Pending bit is set when the I2SRXCTL.RXLI
bit is set and the left channel receive FIFO fill level rises above the threshold specified in
the I2SRXCTL.RXFIFOTHRESH field. Once set, the RXLIRQ bit remains set until
cleared by writing 1 to the bit.
0 – Interrupt request deasserted.
1 – Interrupt request asserted.
RXERIRQ
The Receive Error Interrupt Request Pending bit is set when the I2SRXCTL.RXER bit is
set and either receive FIFO has been overrun. Once set, the RXERIRQ bit remains set
until cleared by writing 1 to the bit.
0 – Interrupt request deasserted.
1 – Interrupt request asserted.
RXSTATUSR
The Receive FIFO Status Right Channel field indicates the current fill level of the right
channel receive FIFO. This field is not sticky, so an overrun condition may disappear
before software reads this field. Use the RXERIRQ bit to determine whether a FIFO
overrun has occurred. The RXST bit in the I2SRXCTL register controls the interpretation
of this field.
RXSTATUSR FIELD
RXST BIT
DESCRIPTION
1Fh
X
Overrun error (written while full)
1Eh
X
Underrun error (read while empty)
00h to 08h
0
0 to 8 empty words
00h to 08h
1
0 to 8 filled words
252
Copyright © 2013, Texas Instruments Incorporated
I2S Interface
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com