Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 256 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 256 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 252Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 253Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 254Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
26.5 Fixed-Rate CVSD-to-PCM Conversion
The converter core reads from the CVSD In FIFO every 250 µs and writes a new PCM sample into the
PCMOUT buffer every 125 µs. If the previous PCM data has not yet been transferred to the audio
interface, it will be overwritten with the new PCM sample.
If there are only three unread words left, the CVSD In Nearly Empty bit (CVNE) is set and, if enabled
(CVSDINT = 1), an interrupt request is generated.
If the CVSD In FIFO is empty, the CVSD In Empty bit (CVE) is set and, if enabled (CVSDERRINT = 1), an
interrupt request is generated. If the converter core reads from an already empty CVSD In FIFO, the FIFO
automatically returns a checkerboard pattern to specify a minimum level of distortion of the audio stream.
26.6 Free-Running Mode
The free-running mode of the CVSD/PCM converter is enabled by setting the CVFR, DMACI, and DMACO
bits of the CVSD Control Register (CVCTRL). In this mode, the CVSD/ PCM converter is expected to be
serviced by DMA operations on both its PCM and CVSD input and output channels. In contrast to the
fixed-rate operating mode, the clock frequency for free-running operation is not restricted to 2 MHz. In
free-running mode, activity within the CVSD/PCM transcoder is governed by the acknowledgment of DMA
requests on the CVSDIN and CVSDOUT channels. If a DMA request on either of these channels goes
unacknowledged then the CVSD/PCM module will stall its internal operation just before the start of the
next transcoding cycle. When the outstanding DMA requests are eventually acknowledged then the
CVSD/PCM module will resume its operation in a seamless fashion.
26.7 Interrupt Generation
An interrupt is asserted in any of the following cases:
•
When a new PCM sample has been written into the PCMOUT register and the CVCTRLn.PCMINT bit
is set.
•
When a new PCM sample has been read from the PCMIN register and the CVCTRLn.PCMINT bit is
set.
•
When the CVSD In FIFO is nearly empty (CVSTATn.CVNE = 1) and the CVCTRLn.CVSDINT bit is set.
•
When the CVSD Out FIFO is nearly full (CVSTATn.CVNF = 1) and the CVCTRLn.CVSDINT bit is set.
•
When the CVSD In FIFO is empty (CVSTATn.CVE = 1) and the CVCTRLn.CVSDERRINT bit is set.
•
When the CVSD Out FIFO is full (CVSTATn.CVF = 1) and the CVCTRLn.CVSDERRINT bit is set
Both the CVSD In and CVSD Out FIFOs have a size of 8 bit × 16 bit (8 words). The warning limits for the
two FIFOs are set at 5 words. (The CVSD In FIFO interrupt will occur when there are 3 words left in the
FIFO, and the CVSD Out FIFO interrupt will occur when there are 3 or less empty words left in the FIFO.)
The limit is set to 5 words because Bluetooth audio data is transferred in packages of 10 bytes or
multiples of 10 bytes.
Because the PCM I/O interrupt requests can be handled by either the CPU or DSP interrupt controllers,
the interrupt requests are passed through the Audio Subsystem Controller (ASC), which is programmed to
route them to the interrupt controller. To use the PCM I/O interrupts, they must be enabled at three levels:
•
CVSD/PCM module—the interrupts must be enabled using the PCMINT bits in the CVCTRLn registers.
•
ASC module—the PCM I/O interrupts are assigned to ASC interrupt channels 5 (CVSD/PCM module
0) and 4 (CVSD/PCM module 1), so bits 5 and 4 in the ASCINTSEL register must be clear to select
the CPU interrupt controller or set to select the DSP interrupt controller.
•
Interrupt controller—the interrupt requests must be enabled in the interrupt controller. For the CPU
interrupt controller, these are interrupt requests IRQ25 (CVSD/ PCM module 0) and IRQ24
(CVSD/PCM module 1).
256
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com