Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 258 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 258 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 254Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 407 page
background image
CVSD/PCM Converter 0
CVSDIN0
CVSDOUT0
PCMOUT0
PCMIN0
CVSDIN1
CVSDOUT1
PCMOUT1
PCMIN1
ATDR1
ARDR1
ATDR0
ARDR0
DS447
AAI
CVSD/PCM Converter 1
Bluetooth RAM
ATDR2
ARDR2
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 26-2. CVSD/PCM To/From AAI Data Flow
The CVSD/PCM modules can operate in two basic modes: fixed-rate mode and free-run mode. In the
fixed-rate mode, the clock frequency supplied to CVSD/PCM module 0 on Auxiliary Clock 2 (or Auxiliary
Clock 3 for CVSD/PCM module 1) must be exactly 2 MHz. In the fixed-rate mode, the CVSD/PCM module
will expect to receive 8000 PCM samples per second on its PCMIN input, and it will produce 4000 words
per second on the CVSDOUT output. Each word holds 16 bits of the CVSD-encoded bit stream. It will also
expect to receive 16-bit CVSD-encoded data words at a rate of 4000 per second on its CVSDIN input and
will produce PCM samples at a rate of 8000 per second on its PCMOUT output.
In the free-run mode the Auxiliary Clocks can be set to any frequency up to a maximum equal to the
PCLK Clock frequency. In this mode, the CVSD/PCM module will request a new PCM sample every 250
cycles of the Auxiliary Clock, and it will produce a new CVSD data word every 500 cycles of the Auxiliary
Clock.
The following examples illustrate the flow of CVSD data in typical applications.
26.9.1 Dual CVSD Channels to AAI
This model is illustrated in Figure 26-3 and has the following characteristics.
•
Two bidirectional CVSD channels through the Bluetooth LLC.
•
PCM data received by the AAI.
•
CVSD/PCM conversion done on-chip.
•
PCM audio data is transferred between the AAI and the CVSD/PCM module by means of DMA.
•
CVSD audio data is transferred between the CVSD/PCM module and the Bluetooth RAM by means of
DMA.
•
CVSD/PCM modules operate in fixed-rate mode using a 2 MHz clock supplied on Auxiliary Clocks 2
and 3.
258
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com