Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 260 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 260 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 407 page
background image
CVSD/PCM Converter 0
CVSDIN0
CVSDOUT0
PCMOUT0
PCMIN0
CVSDIN1
CVSDOUT1
PCMOUT1
PCMIN1
ATDR1
ARDR1
ATDR0
ARDR0
DS435
AAI
CVSD/PCM Converter 1
Bluetooth RAM
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
When the CVSDOUT0 contains 5 entries or more, a DMA transfer is requested. If CVSDOUT0 is assigned
to device A and the DIR bit in the DMA channel control register is clear, the DMA controller reads data
from the CVSDOUT0 (device A) and writes the data into the Bluetooth RAM (device B).
The CVSD/PCM module introduces an effective compression ratio of 2 to 1, so an audio sample rate of 8
ksps results in DMA transfers on both the CVSDIN and CVSDOUT DMA channels at a rate of 4k transfers
per second.
26.9.2 Dual CVSD Channels to Bluetooth HCI
This usage model is illustrated in Figure 26-4 and consists of the following operations.
•
Two bidirectional CVSD channels through the Bluetooth LLC.
•
CVSD/PCM conversion done on-chip.
•
PCM audio data is transferred between the CVSD/PCM modules and the system RAM by DMA.
•
CVSD audio data is transferred between the CVSD/PCM modules and the Bluetooth RAM by DMA.
•
CVSD/PCM modules operate in free-running mode, in which the sample throughput is determined by
the frequency of Auxiliary Clocks 2 and 3.
Figure 26-4. Dual CVSD Channels to Bluetooth HCI
26.9.2.1 PCM Transmit Data Path
The CVSD/PCM modules have DMA channels assigned to their PCMINn registers. DMA data transfers
from system RAM to the CVSD/PCM modules use indirect transfers, in which each transfer is performed
with two adjacent bus cycles (read/write). The operation of the PCMIN0 DMA channel of CVSD/PCM
module 0 is described below. The PCMIN1 DMA channel operates in a similar way.
The CVSD/PCM module requests a DMA transfer each time a PCM sample has been processed. If
PCMIN0 is assigned to device A and the DIR bit in the DMA channel control register is set, the DMA
controller reads data from system RAM (device B) and writes the data into the PCMIN0 register (device
A). The DMA controller must be configured so that automatic update of the device A (PCMIN0) address is
disabled. The address of device B (system RAM) must be configured to automatically increment or
decrement by 2 after each DMA transfer.
CVSD/PCM module 0 requires 250 clock cycles of Auxiliary Clock 2 (Auxiliary Clock 3 for CVSD/PCM
module 1) to encode a single PCM sample. The effective compression ratio of 2 to 1 from PCM to CVSD
means that a new 16-bit CVSD-encoded data word is produced every 500 cycles. Every 250 cycles, a
DMA operation is requested to transfer a PCM sample for the next cycle of the encoder. Similarly, every
500 cycles, a DMA operation is requested to transfer a CVSD data word from the CVSD/PCM module to
memory. The frequency of the Auxiliary Clock determines the time interval between successive DMA
requests.
For example, if the Auxiliary Clock is 2 MHz, the CVSD/PCM module will request a DMA transfer on the
PCMINn channel at a rate of 8 ksps. If the Auxiliary Clock is 12 MHz, the DMA transfer rate will be 48
ksps.
260
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com