Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 264 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 264 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
15
0
PCMIN
26.12.4 PCM Data Output Register (PCMOUTn)
The PCMOUTn registers are 16-bit, read-only registers. They are used to read PCM data from the CVSD
to PCM converter. They are double-buffered, providing a 125 µs period for an interrupt or DMA request to
respond. After reset the PCMOUT registers are clear.
15
0
PCMOUT
26.12.5 Logarithmic PCM Data Input Register n (LOGINn)
The LOGINn registers are 8-bit, write-only registers. They are used to receive 8-bit logarithmic PCM data
from the APB bus and convert it into 13-bit linear PCM data.
7
0
LOGIN
26.12.6 Logarithmic PCM Data Output Register n (LOGOUTn)
The LOGOUTn registers are 8-bit, read-only registers. They hold logarithmic PCM data that has been
converted from linear PCM data. After reset, the LOGOUT registers are clear.
7
0
LOGOUT
26.12.7 Linear PCM Data Input Register n (LINEARINn)
The LINEARINn registers are 16-bit, write-only registers. The data is left-aligned. When converting to A-
law, bits 2:0 are ignored. When converting to µ-law, bits 1:0 are ignored
15
0
LINEARIN
26.12.8 Linear PCM Data Output Register n (LINEAROUTn)
The LINEAROUTn registers are 16-bit, read-only registers. The data is left-aligned. When converting from
A-law, bits 2:0 are clear. When converting from µ-law, bits 1:0 are clear. After reset, this register is clear.
15
0
LINEAROUT
26.12.9 CVSD Control Register n (CVCTRLn)
The CVCTRLn registers are 16-bit, read/write registers that control interrupts, DMA, and modes of
operation. At reset, all implemented bits are cleared.
7
6
5
4
3
2
1
0
DMAPO
DMACI
DMACO
CVSDERRINT
CVSDINT
PCMINT
CLKEN
CVEN
15
14 13
12
11
10
9
8
Reserved
RESOLUTION
PCMCONV
CVSDCONV
DMAPI
264
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com