Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 263 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 263 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
26.12 CVSD/PCM Converter Registers
Table 26-1 lists the CVSD/PCM registers
Table 26-1. CVSD/PCM Registers
NAME
ADDRESS
DESCRIPTION
CVSDIN0
FF 4800h
CVSD Data Input Register 0
CVSDIN1
FF 4C00h
CVSD Data Input Register 1
CVSDOUT0
FF 4804h
CVSD Data Output Register 0
CVSDOUT1
FF 4C04h
CVSD Data Output Register 1
PCMIN0
FF 4808h
PCM Data Input Register 0
PCMIN1
FF 4C08h
PCM Data Input Register 1
PCMOUT0
FF 480Ch
PCM Data Output Register 0
PCMOUT1
FF 4C0Ch
PCM Data Output Register 1
LOGIN0
FF 4810h
Logarithmic PCM Data Output Register 0
LOGIN1
FF 4C10h
Logarithmic PCM Data Output Register 1
LOGOUT0
FF 4814h
Logarithmic PCM Data Output Register 0
LOGOUT1
FF 4C14h
Logarithmic PCM Data Output Register 1
LINEARIN0
FF 4818h
Linear PCM Data Input Register 0
LINEARIN1
FF 4C18h
Linear PCM Data Input Register 1
LINEAROUT0
FF 481Ch
Linear PCM Data Output Register 0
LINEAROUT1
FF 4C1Ch
Linear PCM Data Output Register 1
CVCTRL0
FF 4820h
CVSD Control Register 0
CVCTRL1
FF 4C20h
CVSD Control Register 1
CVSTAT0
FF 4824h
CVSD Status Register 0
CVSTAT1
FF 4C24h
CVSD Status Register 1
26.12.1 CVSD Data Input Register n (CVSDINn)
The CVSDINn registers are 16-bit, write-only registers. They are used to write CVSD data into the CVSD
to PCM converter FIFOs. The FIFOs are 8 words deep. The CVSDIN bit 15 represents the CVSD data bit
at t = t0, CVSDIN bit 0 represents the CVSD data bit at t = t0 – 250 µs.
15
0
CVSDIN
26.12.2 CVSD Data Output Register n (CVSDOUTn)
The CVSDOUTn registers are 16-bit, read-only registers. They are used to read the CVSD data from the
PCM to CVSD converter FIFOs. The FIFOs are 8 words deep. Reading a CVSDOUTn register after reset
returns undefined data.
15
0
CVSDOUT
26.12.3 PCM Data Input Register n (PCMINn)
The PCMINn registers are 16-bit, write-only registers. They are used to write PCM data to the PCM to
CVSD converter via the APB bus. They are double-buffered, providing a 125 µs period for an interrupt or
DMA request to respond.
Copyright © 2013, Texas Instruments Incorporated
Dual CVSD/PCM Conversion Modules
263
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com