Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 259 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 259 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 255Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 256Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 257Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 407 page
background image
CVSD/PCM Converter 0
CVSDIN0
CVSDOUT0
PCMOUT0
PCMIN0
CVSDIN1
CVSDOUT1
PCMOUT1
PCMIN1
ATDR1
ARDR1
ATDR0
ARDR0
DS435
AAI
CVSD/PCM Converter 1
Bluetooth RAM
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 26-3. Dual CVSD Channels to AAI
26.9.1.1 PCM Transmit Data Path
The two AAI receive registers, ARDR0 and ARDR1, receive codec data for transmission over a Bluetooth
link. These registers are assigned to separate DMA channels. The DMA data transfers from the AAI to the
CVSD/PCM modules use indirect transfers, in which each transfer consists of two adjacent bus cycles
(read/write). The operation of the ARDR0 DMA channel is described below. The ARDR1 DMA channel
operates in a similar way.
The AAI requests a DMA transfer when ARDR0 is full. If ARDR0 is assigned to Device A and the DIR bit
in the DMA channel control register is clear, the DMA controller reads data from ARDR0 (device A) and
writes
the
data
into
the
PCMIN
register
of
CVSD0
(device
B).
Automatic
address
update
(increment/decrement) must be disabled. With an audio sample rate of 8 ksps, ARDR0 will request a DMA
transfer every 125 ms (every 1500 CPU clock cycles at a 12 MHz PCLK Clock rate).
26.9.1.2 PCM Receive Data Path
The two AAI transmit registers, ATDR0 and ATDR1, are assigned to separate DMA channels. The DMA
data transfers from the CVSD/PCM modules to the audio interface use indirect transfers, in which each
transfer consists of two adjacent bus cycles (read/write). The operation of the ATDR0 DMA channel is
described below. The ARDR1 DMA channel operates in a similar way.
The AAI requests a DMA transfer when ATDR0 is empty. If ATDR0 is assigned to Device A and the DIR
bit in the DMA channel control register is set, then the DMA controller reads data from the PCMOUT
register of CVSD0 (device B) and writes the data into ATDR0 (device A). Automatic address update
(increment/decrement) must be disabled.
With an audio sample rate of 8 ksps, ATDR0 will request a DMA transfer every 125 ms (every 1500 CPU
clock cycles at a 12 MHz PCLK Clock rate).
26.9.1.3 CVSD Transmit/Receive Paths
The CVSD/PCM modules operate in their fixed-rate mode with DMA channels assigned to their CVSDINn
and CVSDOUTn registers. The activation of these DMA channels is linked to the operation of the
CVSDINn and CVSDOUTn FIFOs. The operation of the CVSD/PCM module 0 DMA channels is described
below. The CVSD/PCM module 1 DMA channels operate in a similar way.
Initially when the CVSDIN0 FIFO contains 3 or fewer entries, a single DMA transfer is requested. Further
DMA requests are generated each time the CVSDIN0 FIFO is read by the CVSD/PCM converter. If
CVSDIN0 is assigned to device A and the DIR bit in the DMA channel control register is set, the DMA
controller reads data from the Bluetooth RAM (device B) and writes the data into CVSDIN0 (device A).
The DMA channel must be configured so that automatic update of the device A (CVSDIN0) address is
disabled. The address of device B (Bluetooth RAM) must be configured to automatically increment or
decrement by 2 after each DMA transfer.
Copyright © 2013, Texas Instruments Incorporated
Dual CVSD/PCM Conversion Modules
259
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com