Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 262 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 262 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 258Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 259Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 260Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 261Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 262Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 263Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The number of DMA transfers required to service the CVSD buffer in Bluetooth RAM must be specified in
the DMA block length register. When the required number of DMA transfers has been executed, the DMA
controller will not acknowledge further DMA requests on the CVSDIN0 channel. The CVSD/PCM module
will suspend operation just before the end of the current CVSD decoding cycle. When a new CVSD buffer
becomes available, then the outstanding DMA requests will be acknowledged and the CVSD/PCM module
will restart.
When the CVSDOUT0 FIFO contains 5 entries or more, a DMA transfer is requested. If CVSDIN0 is
assigned to device A and the DIR bit in the DMA channel control register is clear, the DMA controller
reads data from the CVSDOUT0 register (device A) and writes the data into the Bluetooth RAM (device
B).
26.10 Bus Bandwidth and Latency Considerations
The DMA controller has a burst buffer, which can be enabled on a per-channel basis. When the buffer is
enabled, DMA operations occur as four-cycle burst transfers. These burst transfers optimize bus
bandwidth, because they eliminate extra cycles used to arbitrate for control of the bus (as compared to
four single-cycle transfers).
However, burst mode is not recommended for audio data because of its impact on latency. Three
additional data words will be needed to fill the buffer, so for example at an 8 ksps rate, 3 × 125 ms = 375
ms additional latency.
Latency may also be impacted by competition with the CPU and DSP for access to shared resources such
as the shared RAM and the external bus interface. However, the bandwidth required even for high-quality
audio signals is quite low compared to the bandwidth available from the on-chip buses. For example, a
DMA transfer between two peripherals for a 48 ksps audio channel on an APB bus operating at half the
speed of the CPU or DSP core bus would require 6 × 48000 = 0.288M core bus cycles/second. Compared
to the 96M core bus cycles/second available on the CPU and DSP buses, this is a very small number. It
can become significant, however, if the core buses are operated at low clock rates to reduce power
consumption.
When the CPU and DSP both attempt to access the same device at the same time, the CPU has priority.
Access to slow external devices by the CPU or DSP will not block on-chip peripheral-to-peripheral or
peripheral-to-memory DMA transfers. because the EBIU has a write buffer to shield the on-chip buses
from external bus write latency and the core buses are split-transaction buses, so external bus reads from
slow devices are non-blocking.
26.11 Freeze Mode
When Freeze mode is entered, the CVSD/PCM converters will exhibit the following behavior:
•
CVSD In FIFO will not have data removed by the converter core.
•
CVSD Out FIFO will not have data added by the converter core.
•
PCM Out buffer will not be updated by the converter core.
•
The automatic clear-on-read function of the following status bits in the CVSTATn register is disabled:
–
PCMINT
–
CVE
–
CVF
262
Dual CVSD/PCM Conversion Modules
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com