Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 268 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 268 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 264Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 265Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The Receiver block consists of an 8-bit receive shift register and an 8-bit receive buffer. Data is received
serially on the RXDn pin and shifted into the shift register. Once eight bits have been received, the
contents of the shift register are transferred in parallel to the receive buffer.
The Transmitter and Receiver blocks both contain extensions for 9-bit data transfers, as required by the 9-
bit and loopback operating modes.
The Baud Rate Generator generates the clock for the synchronous and asynchronous operating modes. It
consists of two registers and a two-stage counter. The registers are used to specify a prescaler value and
a baud rate divisor. The first stage of the counter divides the UART clock based on the value of the
programmed prescaler to create a slower clock. The second stage of the counter creates the baud rate
clock by dividing the output of the first stage based on the programmed baud rate divisor.
The Control and Error Detection block contains the UART control registers, control logic, error detection
circuit, parity generator/checker, and interrupt generation logic. The control registers and control logic
determine the data format, mode of operation, clock source, and type of parity used. The error detection
circuit generates parity bits and checks for parity, framing, and overrun errors.
The Flow Control Logic block provides the capability for hardware handshaking between the UART and a
peripheral device. When the peripheral device needs to stop the flow of data from the UART, it deasserts
the clear-to-send (CTSn) signal which causes the UART to pause after sending the current frame (if any).
The UART asserts the ready-to-send (RTSn) signal to the peripheral when it is ready to send a character.
27.2 UART Operation
The UART has two basic modes of operation: synchronous and asynchronous. Synchronous mode is only
supported for the UART0 module. In addition, there are two special-purpose modes, called attention and
diagnostic. This section describes the operating modes of the UART.
27.2.1 Asynchronous Mode
The asynchronous mode of the UART enables the device to communicate with other devices using just
two communication signals: transmit and receive.
In asynchronous mode, the transmit shift register (TSFT) and the transmit buffer (UnTBUF) double-buffer
the data for transmission. To transmit a character, a data byte is loaded in the UnTBUF register. The data
is then transferred to the TSFT register. While the TSFT register is shifting out the current character (LSB
first) on the TXD pin, the UnTBUF register is loaded by software with the next byte to be transmitted.
When TSFT finishes transmission of the last stop bit of the current frame, the contents of UnTBUF are
transferred to the TSFT register and the Transmit Buffer Empty bit (UTBE) is set. The UTBE bit is
automatically cleared by the UART when software loads a new character into the UnTBUF register. During
transmission, the UXMIP bit is set high by the UART. This bit is reset only after the UART has sent the
last stop bit of the current character and the UnTBUF register is empty. The UnTBUF register is a
read/write register. The TSFT register is not software accessible.
In asynchronous mode, the input frequency to the UART is 16 times the baud rate. In other words, there
are 16 clock cycles per bit time. In asynchronous mode, the baud rate generator is always the UART clock
source.
The receive shift register (RSFT) and the receive buffer (UnRBUF) double buffer the data being received.
The UART receiver continuously monitors the signal on the RXDn pin for a low level to detect the
beginning of a start bit. On sensing this low level, the UART waits for seven input clock cycles and
samples again three times. If all three samples still indicate a valid low, then the receiver considers this to
be a valid start bit, and the remaining bits in the character frame are each sampled three times, around
the mid-bit position. For any bit following the start bit, the logic value is found by majority voting, i.e. the
two samples with the same value define the value of the data bit. Figure 27-2 illustrates the process of
start bit detection and bit sampling.
268
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com