Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 272 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 272 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 407 page
background image
3
Start
Bit
9-Bit Data
1S
3a
Start
Bit
9-Bit Data
2S
DS065
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The format shown in Figure 27-6 consists of one start bit, nine data bits, and one or two stop bits. This
format also supports the UART attention feature. When operating in this format, all eight bits of UnTBUF
and UnRBUF are used for data. The ninth data bit is transmitted and received using two bits in the control
registers, called UXB9 and URB9. Parity is not generated or verified in this mode.
Figure 27-6. . 9-bit Data Frame Options
27.2.6 Baud Rate Generator
The Baud Rate Generator creates the basic baud clock from the PCLK Clock. The PCLK Clock is passed
through a two-stage divider chain consisting of a 5-bit baud rate prescaler (UnPSC) and an 11-bit baud
rate divisor (UnDIV).
The relationship between the 5-bit prescaler select (UnPSC) setting and the prescaler factors is shown in
Table 27-1.
Table 27-1. Prescaler Factors
PRESCALER
PRESCALER FACTOR
PRESCALER SELECT
PRESCALER FACTOR
SELECT
00000
No clock
10000
8.5
00001
1
10001
9
00010
1.5
10010
9.5
00011
2
10011
10
00100
2.5
10100
10.5
00101
3
10101
11
00110
3.5
10110
11.5
00111
4
10111
12
01000
4.5
11000
12.5
01001
5
11001
13
01010
5.5
11010
13.5
01011
6
11011
14
01100
6.5
11100
14.5
01101
7
11101
15
01110
7.5
11110
15.5
01111
8
11111
16
A prescaler factor of zero corresponds to “no clock.” The “no clock” condition is the UART power down
mode, in which the UART clock is turned off to reduce power consumption. Software must select the “no
clock” condition before entering a new baud rate. Otherwise, it could cause incorrect data to be received
or transmitted. The UnPSR register must contain a value other than zero when an external clock is used
at CKX.
272
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com