Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 273 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 273 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 407 page
background image
RX
Interrupt
UERR
UEEI
TX
Interrupt
UTBE
UETI
URBF
UFE
UDOE
UPE
UERI
FC
Interrupt
UDCTS
UEFCI
DS066
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
27.2.7 Interrupts
The UART modules are capable of generating interrupts on:
•
Receive Buffer Full
•
Receive Error
•
Transmit Buffer Empty
•
Clear To Send
Figure 27-7 shows a diagram of the interrupt sources and associated enable bits.
Figure 27-7. UART Interrupts
The interrupts can be individually enabled or disabled using the Enable Transmit Interrupt (UETI), Enable
Receive Interrupt (UERI), and Enable Receive Error Interrupt (UEER) bits in the UnICTRL register.
A transmit interrupt is asserted when both the UTBE and UETI bits are set. To remove this interrupt,
software must either disable the interrupt by clearing the UETI bit or write to the UnTBUF register (which
clears the UTBE bit).
A receive interrupt is asserted on these conditions:
•
Both the URBF and UERI bits are set. To remove this interrupt, software must either disable the
interrupt by clearing the UERI bit or read from the URBUF register (which clears the URBF bit).
•
Both the UERR and the UEEI bits are set. To remove this interrupt, software must either disable the
interrupt by clearing the UEEI bit or read the UnSTAT register (which clears the UERR bit).
A flow control interrupt is asserted when both the UDCTS and the UEFCI bits are set. To remove this
interrupt, software must either disable the interrupt by clearing the UEFCI bit or reading the UnICTRL
register (which clears the UDCTS bit).
Because the UART3 transmit and receive interrupt requests can be handled by either the CPU or DSP
interrupt controllers, the interrupt requests are passed through the Audio Subsystem Controller (ASC),
which must be programmed to route it to the interrupt controller. To use these interrupts, they must be
enabled at three levels:
•
UART3 module—the interrupt must be enabled in the U3ICTRL register.
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
273
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com