Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 274 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 274 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 278Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
•
ASC module—the UART3 interrupts are assigned to ASC interrupt channels 2 (transmit) and 3
(receive), so bits 2 and 3 in the ASCINTSEL register must be clear to select the CPU interrupt
controller or set to select the DSP interrupt controller.
•
Interrupt controller—the interrupt request must be enabled in the interrupt controller. For the CPU
interrupt controller, these are interrupt requests IRQ12 (transmit) and IRQ13 (receive).
27.2.8 DMA Support
Any UART module can operate with one or two DMA chan- nels. For processor-independent full-duplex
operation, two DMA channels must be used. Both receive and transmit DMA can be enabled
simultaneously.
If transmit DMA is enabled (the UETD bit is set), the UART generates a DMA request when the UTBE bit
changes state from clear to set. Enabling transmit DMA automatically dis- ables transmit interrupts,
without regard to the state of the UETI bit.
If receive DMA is enabled (the UERD bit is set), the UART generates a DMA request when the URBF bit
changes state from clear to set. Enabling receive DMA automatically dis- ables receive interrupts, without
regard to the state of the UERI bit. However, receive error interrupts should be en- abled (the UEEI bit is
set) to allow detection of receive errors when DMA is used.
Because the UART3 DMA requests can be handled by ei- ther the CPU or DSP DMA controllers, the DMA
requests are passed through the Audio Subsystem Controller (ASC), which must be programmed to route
them to the DMA con- troller. To use the UART3 DMA requests, they must be en- abled at three levels:
•
UART3 module—the UART3 DMA requests must be enabled in the U3MDSL1 register.
•
ASC module—the UART3 DMA requests are assigned to ASC DMA channels 0 (receive) and 1
(transmit). These channels are controlled by bits 0 and 1 in the ASCDMASEL0 register. The bits must
be clear to select the CPU DMA controller or set to select the DSP DMA controller. If the DSP DMA
controller is selected, the DSP DMA channel must be programmed in the ASCDDMASELn registers.
•
DMA controller—the DMA requests must be enabled in the DMA controller. For the CPU DMA
controller, these are DMA requests 0 (receive) and 1 (transmit).
27.2.9 Break Generation and Detection
A line break is generated when the UBRK bit is set in the UnMDSL1 register. The TXDn line remains low
until the program resets the UBRK bit.
A line break is detected if RXDn remains low for 10 bit times or longer after a missing stop bit is detected.
27.2.10 Parity Generation and Detection
Parity is only generated or checked with the 7-bit and 8-bit data formats. It is not generated or checked in
the diagnostic loopback mode, the attention mode, or in normal mode with the 9-bit data format. Parity
generation and checking are enabled and disabled using the PEN bit in the UnFRS register. The UPSEL
bits in the UnFRS register are used to select odd, even, or no parity.
27.3 UART Registers
Software interacts with the UART modules by accessing the UART registers, as listed in Table 27-2.
Table 27-2. UART Registers
NAME
ADDRESS
DESCRIPTION
U0ICTRL
FF 9408h
UART0 Interrupt Control Register
U0STAT
FF 940Ch
UART0 Status Register
U0MDSL1
FF 9414h
UART0 Mode Select Register 1
U0MDSL2
FF 9424h
UART0 Mode Select Register 2
274
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com