Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 271 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 271 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 407 page
background image
2
Start
Bit
8-Bit Data
1S
2a
Start
Bit
8-Bit Data
2S
2b
Start
Bit
8-Bit Data
1S
PA
2c
Start
Bit
8-Bit Data
2S
PA
DS064
1
Start
Bit
7-Bit Data
1S
1a
Start
Bit
7-Bit Data
2S
1b
Start
Bit
7-Bit Data
1S
PA
1c
Start
Bit
7-Bit Data
2S
PA
DS063
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
While in Attention mode, the UART receiver monitors the communication flow but ignores all characters
until an ad- dress character is received. On receiving an address character, the contents of the receive
shift register are copied to the receive buffer. The URBF bit is set and an interrupt (if enabled) is
generated. The UATN bit is automatically cleared, and the UART begins receiving all subsequent
characters. Software must examine the contents of the URBUF register and respond by accepting the
subsequent characters (by leaving the UATN bit clear) or waiting for the next address character (by setting
the UATN bit again).
The operation of the UART transmitter is not affected by the selection of this mode. The value of the ninth
bit to be transmitted is programmed by setting or clearing the UXB9 bit in the UART Frame Select register.
The value of the ninth bit received is read from URB9 in the UART Status Register.
27.2.4 Diagnostic Mode
The Diagnostic mode is available for testing of the UART. In this mode, the TXDn and RXDn pins are
internally connected together, and data shifted out of the transmit shift register is immediately transferred
to the receive shift register. This mode supports only the 9-bit data format with no parity. The number of
start and stop bits is programmable.
27.2.5 Frame Format Selection
The format shown in Figure 27-4 consists of a start bit, seven data bits (excluding parity), and one or two
stop bits. If parity bit generation is enabled by setting the UPEN bit, a parity bit is generated and
transmitted following the seven data bits.
Figure 27-4. 7-Bit Data Frame Options
The format shown in Figure 27-5 consists of one start bit, eight data bits (excluding parity), and one or two
stop bits. If parity bit generation is enabled by setting the UPEN bit, a parity bit is generated and
transmitted following the eight data bits.
Figure 27-5. 8-Bit Data Frame Options
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
271
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com