Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 270 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 270 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 266Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 267Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 268Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 269Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 270Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 271Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 272Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 407 page
background image
CKX
TXD
RXD
Sample Input
DS346
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
27.2.2 Synchronous Mode
The synchronous mode of UART0 enables the device to communicate with other devices using three
communication signals: transmit, receive, and clock. In this mode, data bits are transferred synchronously
with the UART0 clock signal. Data bits are transmitted on the rising edges and received on the falling
edges of the clock signal, as shown in Figure 27-3. Data bytes are transmitted and received least
significant bit (LSB) first.
Figure 27-3. UART Synchronous Communication
In synchronous mode, the transmit shift register (TSFT) and the transmit buffer (U0TBUF) double-buffer
the data for transmission. To transmit a character, a data byte is loaded in the U0TBUF register. The data
is then transferred to the TSFT register. The TSFT register shifts out one bit of the current character, LSB
first, on each rising edge of the clock. While the TSFT is shifting out the current character on the TXD0
pin, the U0TBUF register may be loaded by software with the next byte to be transmitted. When the TSFT
finishes transmission of the last stop bit within the current frame, the contents of U0TBUF are transferred
to the TSFT register and the Transmit Buffer Empty bit (UTBE) is set. The UTBE bit is automatically reset
by the UART when software loads a new character into the U0TBUF register. During transmission, the
UXMIP bit is set by the UART. This bit is cleared only after the UART has sent the last frame bit of the
current character and the U0TBUF register is empty.
The receive shift register (RSFT) and the receive buffer (URBUF) double-buffer the data being received.
Serial data received on the RXD0 pin is shifted into the RSFT register on the first falling edge of the clock.
Each subsequent falling edge of the clock causes an additional bit to be shifted into the RSFT register.
The UART assumes a complete character has been received after the correct number of rising edges on
CKX (based on the selected frame format) have been detected. On receiving a complete character, the
contents of the RSFT register are copied into the U0RBUF register and the Receive Buffer Full bit (URBF)
is set. The URBF bit is automatically cleared when software reads the character from the U0RBUF
register.
The transmitter and receiver may be clocked by either an external source provided to the CKX pin or the
internal baud rate generator. In the latter case, the clock signal is placed on the CKX pin as an output.
27.2.3 Attention Mode
The Attention mode is available for networking this device with other processors. This mode requires the
9-bit data for- mat with no parity. The number of start bits and number of stop bits are programmable. In
this mode, two types of 9-bit characters are sent on the network: address characters consisting of 8
address bits and a 1 in the ninth bit position and data characters consisting of 8 data bits and a 0 in the
ninth bit position.
270
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com