Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 277 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 277 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 273Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 274Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 275Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 278Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 279Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
UPE
The Parity Error bit indicates whether a parity error is detected within a received character.
This bit is automatically cleared by the hardware when the UnSTAT register is read.
0 – No parity error occurred.
1 – Parity error occurred.
UFE
The Framing Error bit indicates whether the UART fails to receive a valid stop bit at the end of
a frame. This bit is automatically cleared by the hardware when the UnSTAT register is read.
0 – No framing error occurred.
1 – Framing error occurred.
UDOE
The Data Overrun Error bit is set when a new character is received and transferred to the
UnRBUF register before software has read the previous character from the UnRBUF register.
This bit is automatically cleared by the hardware when the UnSTAT register is read.
0 – No receive overrun error occurred.
1 – Receive overrun error occurred.
UERR
The Error Status bit indicates when a parity, framing, or overrun error occurs (any time that
the UPE, UFE, or UDOE bit is set). It is automatically cleared by the hardware when the UPE,
UFE, and UDOE bits are all 0.
0 – No receive error occurred.
1 – Receive error occurred.
UBKD
The Break Detect bit indicates when a line break condition occurs. This condition is detected if
RXDn remains low for at least ten bit times after a missing stop bit has been detected at the
end of a frame. The hardware automatically clears the UBKD bit on reading the UnSTAT
register, but only if the break condition on RXDn no longer exists. If reading the UnSTAT
register does not clear the UBKD bit because the break is still actively driven on the line, the
hardware clears the bit as soon as the break condition no longer exists (when the RXDn input
returns to a high level).
0 – No break condition occurred.
1 – Break condition occurred.
URB9
The Received 9th Data Bit holds the ninth data bit, when the UART is configured to operate in
the 9-bit data format.
UXMIP
The Transmit In Progress bit indicates when the UART is transmitting. The hardware sets this
bit when the UART is transmitting data and clears the bit at the end of the last frame bit.
0 – UART is not transmitting.
1 – UART is transmitting.
27.3.3 UART Mode Select Register 1 (UnMDSL1)
The UnMDSL1 registers are 8-bit, read/write registers that select the clock source, synchronization mode,
attention mode, and line break generation. These registers are cleared at reset. The register format is
shown below.
7
6
5
4
3
2
1
0
URTS
UFCE
UERD
UETD
UCKS
UBRK
UATN
UMOD
UMOD
The Mode bit selects between synchronous and asynchronous mode. Synchronous mode is
only available for the UART0 module.
0 – Asynchronous mode.
1 – Synchronous mode.
UATN
The Attention Mode bit is used to enable Attention mode. When set, this bit selects the
attention mode of operation for the UART. When clear, the attention mode is disabled. The
hardware clears this bit after an address frame is received. An address frame is a 9-bit
character with a 1 in the ninth bit position.
0 – Attention mode disabled.
1 – Attention mode enabled.
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
277
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com