Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 280 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 280 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 276Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 277Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 278Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 279Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
27.3.8 UART Sample Position Register (UnSPOS)
The UnSPOS registers are 8-bit, read/write registers that specify the sample position when the USMD bit
in the UnMDSL2 register is set. At reset, the UnSPOS registers are initialized to 06h. The register format
is shown below.
7
4M M3
0
Reserved
USAMP
USAMP
The Sample Position field specifies the oversample clock period at which to take the first of
three samples for sensing the value of data bits. The clocks are numbered starting at 0 and
may range up to 15 for 16× oversampling. The maximum value for this field is (oversampling
rate – 3). The table below shows the clock period at which each of the three samples is
taken, when automatic sampling is enabled (UnMDSL2.USMD = 0).
SAMPLE POSITION
OVERSAMPLING RATE
1
2
3
7
2
3
4
8
2
3
4
9
3
4
5
10
3
4
5
11
4
5
6
12
4
5
6
13
5
6
7
14
5
6
7
15
6
7
8
16
6
7
8
The USAMP field may be used to override the automatic selection, to choose any other clock period at
which to start taking the three samples.
27.3.9 UART Oversample Rate Register (UnOVR)
The UnOVR registers are 8-bit, read/write registers that specify the oversample rate. At reset, the UnOVR
registers are cleared. The register format is shown below.
7
4M M3
0
Reserved
UOVSR
UOVSO
The Oversampling Rate field specifies the oversampling rate, as given in the following table.
UOVSR3:0
OVERSAMPLING RATE
0000–0110
16
111
7
1000
8
1001
9
1010
10
1011
11
1100
12
1101
13
1110
14
1111
15
280
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com