Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 283 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 283 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 279Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 285Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 27-3. Baud Rate Programming
PCLK = 48 MHz
PCLK = 45 MHz
PCLK = 30 MHz
PCLK = 24 MHz
Baud Rate
O
N
P
%err
O
N
P
%err
O
N
P
%err
O
N
P
%err
300
16
2000
5
0
16
1875
5
0
16
6250
1
0
16
2000
2.5
0
600
16
2000
2.5
0
16
1875
2.5
0
16
3125
1
0
16
1250
2
0
1200
16
1250
2
0
8
3125
1.5
0
8
3125
1
0
16
1250
1
0
1800
7
401
9.5
0
8
3125
1
0
13
1282
1
0
8
1111
1.5
0.01
2000
16
1500
1
0
8
1875
1.5
0
8
1875
1
0
16
750
1
0
2400
16
1250
1
0
10
1875
1
0
10
1250
1
0
16
625
1
0
3600
8
1111
1.5
0.01
8
625
2.5
0
13
641
1
0
12
101
5.5
0.01
4800
16
625
1
0
10
625
1.5
0
10
625
1
0
16
125
2.5
0
7200
12
101
5.5
0.01
10
625
1
0
9
463
1
0.01
11
303
1
0.01
9600
16
125
2.5
0
15
125
2.5
0
10
125
2.5
0
10
250
1
0
14400
11
202
1.5
0.01
10
125
2.5
0
7
35
8.5
0.04
11
101
1.5
0.01
19200
10
250
1
0
8
293
1
0.01
11
142
1
0.03
10
125
1
0
38400
10
125
1
0
11
71
1.5
0.03
11
71
1
0.03
10
25
2.5
0
56000
7
49
2.5
0.04
12
67
1
0.05
9
7
8.5
0.04
13
33
1
0.1
57600
14
7
8.5
0.04
11
71
1
0.03
16
5
6.5
0.16
7
7
8.5
0.04
115200
7
17
3.5
0.04
10
3
13
0.16
8
5
6.5
0.16
13
16
1
0.16
128000
15
25
1
0
8
4
11
0.12
9
2
13
0.16
15
5
2.5
0
230400
13
16
1
0.16
13
15
1
0.16
10
1
13
0.16
13
8
1
0.16
345600
9
1
15.5
0.44
13
10
1
0.16
7
1
12.5
0.79
10
7
1
0.79
460800
13
8
1
0.16
13
1
7.5
0.16
10
1
6.5
0.16
13
4
1
0.16
576000
8
7
1.5
0.79
13
6
1
0.16
8
1
6.5
0.16
12
1
3.5
0.79
691200
10
7
1
0.79
13
5
1
0.16
8
1
5.5
1.36
10
1
3.5
0.79
806400
7
1
8.5
0.04
8
7
1
0.35
15
1
2.5
0.79
15
2
1
0.79
921600
13
4
1
0.16
7
7
1
0.35
13
1
2.5
0.16
13
2
1
0.16
1105920
11
4
1
1.36
9
3
1.5
0.47
9
1
3
0.47
11
2
1
1.36
1382400
10
1
3.5
0.79
13
1
2.5
0.16
11
1
2
1.36
7
1
2.5
0.79
1536000
9
1
3.5
0.79
15
2
1
2.34
13
1
1.5
0.16
8
2
1
2.34
1843200
13
2
1
0.16
7
1
3.5
0.35
11
1
1.5
1.36
2211840
11
2
1
1.36
10
2
1
1.73
9
1
1.5
0.47
2764800
7
1
2.5
0.79
8
2
1
1.73
3072000
8
1
2
2.34
10
1
1.5
2.34
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
283
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com