Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 287 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 287 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 285Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 407 page
background image
16-BIt Shift Register
Write
Data
Write
Data
Clock Prescaler + Select
16-BIt Read Buffer
Control + Status
Slave
Master
MWnDAT
MWCSn
MDODIn
MSKn
Interrupt
Request
PCLK
Clock
Data Out
Data In
MSK
8
8
Slave
Master
Master
MDIDOn
DS441
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
The master device supplies the synchronous clock (MSK) for the serial interface and initiates the data
transfer. The slave devices respond by sending (or receiving) the requested data. Each slave device uses
the master’s clock for serially shifting data out (or in), while the master shifts the data in (or out).
The three-wire system includes: the serial data in signal (MDIDO for master mode, MDODI for slave
mode), the serial data out signal (MDODI for master mode, MDIDO for slave mode), and the serial clock
(MSK).
In slave mode, an optional fourth signal (MWCS) may be used to enable the slave transmit. At any given
time, only one slave can respond to the master. Each slave device has its own chip select signal (MWCS)
for this purpose.
Figure 28-2 shows a block diagram of the Microwire serial interface in the device.
28.1.1 Shifting
The Microwire interface is a full duplex transmitter/receiver. A 16-bit shift register, which can be split into a
low and high byte, is used for both transmitting and receiving. In 8-bit mode, only the lower 8-bits are used
to transfer data. The transmit data is shifted out through MDODIn pin (master mode) or MDIDOn pin
(slave mode), starting with the MSB. At the same time, the receive data is shifted in through MDIDOn pin
(master mode) or MDODIn pin (slave mode), also starting with the MSB first.
The shift in and shift out are controlled by the MSK clock. In each clock cycle of MSK, one bit of data is
transmitted/received. The 16-bit shift register is accessible as the MWnDAT register. Reading the
MWnDAT register returns the value in the receive buffer. Writing to the MWnDAT register updates the 16-
bit transmit buffer.
Figure 28-2. Microwire Block Diagram
Copyright © 2013, Texas Instruments Incorporated
Dual Microwire/SPI Interfaces
287
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com