Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 288 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 288 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 285Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
28.1.2 Reading
The Microwire interface implements a double buffer on read. As illustrated in Figure 28-2, the double read
buffer consists of the 16-bit shift register and a read buffer.
The 16-bit shift register loads the read buffer with new data when the data transfer sequence is completed
and previous data in the read buffer has been read. In master mode, an overrun error occurs when the
read buffer is full, the 16-bit shift register is full and a new data transfer sequence starts.
When 8-bit mode is selected, the lower byte of the shift register is loaded into the lower byte of the read
buffer and the read buffer’s higher byte remains unchanged.
The RBF bit indicates if the MWnDAT register holds valid data. The OVR bit indicates that an overrun
condition has occurred.
28.1.3 Writing
The BSY bit indicates whether the MWnDAT register can be written. All write operations to the MWnDAT
register update the shift register while the data contained in the read buffer is not affected. Undefined
results will occur if the MWnDAT register is written while the BSY bit is set.
28.1.4 Clocking Modes
Two clocking modes are supported:
•
Normal mode—output data transmitted on the MDODIn pin (master mode) or the MDIDOn pin (slave
mode) is clocked out on the falling edge of the shift clock MSKn. Input data, which is received via the
MDIDOn pin (master mode) or the MDODIn pin (slave mode), is sampled on the rising edge of MSKn.
•
Alternate mode—output data is shifted out on the rising edge of MSKn on the MDODIn pin (master
mode) or MDIDOn pin (slave mode). Input data, which is received via MDIDOn pin (master mode) or
MDODIn pin (slave mode), is sampled on the falling edge of MSKn.
The clocking mode is selected with the SCM bit. The SCIDL bit allows selection of the value of MSKn
when it is idle (when there is no data being transferred). In master mode, the MSKn clock frequency can
be programmed in the SCDV field of the MWnCTL1 register. Figure 28-3, Figure 28-4, Figure 28-5, and
Figure 28-6 show the data transfer timing for the normal and the alternate modes with the SCIDL bit clear
and set.
Note that when data is shifted out on MDODIn (master mode) or MDIDOn (slave mode) on the leading
edge of the MSKn clock, bit 15 (16-bit mode) is shifted out on the second leading edge of the MSKn clock.
When data are shifted out on MDODIn (master mode) or MDIDOn (slave mode) on the trailing edge of
MSKn, bit 15 (16-bit mode) is shifted out on the first trailing edge of MSKn.
28.2 Master Mode
In master mode, the MSKn pin is an output for the shift clock, MSKn. When data is written to the
MWnDAT register, eight or sixteen MSKn clocks, depending on the mode selected, are generated to shift
the 8 or 16 bits of data, and then MSKn goes idle again. The MSKn idle state can be either high or low,
depending on the SCIDL bit.
288
Dual Microwire/SPI Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com