Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 291 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 291 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 407 page
background image
MWSPI
Interrupt
OVR = 1
EIO
RBF = 1
EIR
BSY = 0
EIW
DS073
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 28-7 illustrates the interrupt generation logic of this module.
Figure 28-7. MWSPI Interrupts
Module 0 uses IRQ29, and module 1 uses IRQ10.
Because the interrupt request for module 1 can be handled by either the CPU or DSP interrupt controllers,
the interrupt request is passed through the Audio Subsystem Controller (ASC), which is programmed to
route it to the interrupt controller. To use the interrupt, it must be enabled at three levels:
•
Microwire module—the interrupt must be enabled in the MW1CTL1 register.
•
ASC module—the interrupt is assigned to ASC interrupt channel 0, so bit 0 in the ASCINTSEL register
must be clear to select the CPU interrupt controller or set to select the DSP interrupt controller.
•
Interrupt controller—the interrupt request must be enabled in the interrupt controller. For the CPU
interrupt controller, this is interrupt request IRQ10.
28.5 DMA Support
The Microwire module may be operated with either one or two DMA channels. Two DMA channels are
required for processor-independent full-duplex operation. Both receive and transmit DMA can be enabled
individually. If transmit DMA is enabled (EDW = 1), a DMA request is asserted every time the BSY flag is
cleared. Enabling receive DMA (EDR = 1) asserts a DMA request every time the Receive Buffer Full flag
(RBF) is set. The Enable Interrupt on Read (EIR) bit must be clear when the EDR bit is set to avoid an
interrupt request while using receive DMA. The Enable Interrupt on Write (EIW) bit must be clear when the
EDW bit is set. However, a data overrun condition may occur, so the Enable Interrupt on Overrun (EIO) bit
should be set.
Module 0 uses DMA requests 33 (read) and 34 (write), and module 1 uses DMA requests 18 (read) and
19 (write).
Because module 1 DMA requests can be handled by either the CPU or DSP DMA controllers, the DMA
requests are passed through the Audio Subsystem Controller (ASC), which is programmed to route them
to the DMA controller. To use the DMA requests, they must be enabled at three levels:
•
Microwire module—the DMA requests must be enabled using the EDR and EDW bits in the MW1CTL2
register.
•
ASC module—the DMA requests are assigned to ASC DMA channels 18 (read) and 19 (write). These
channels are controlled by bits 2 and 3 in the ASCDMASEL1 register. The bits must be clear to select
the CPU DMA controller or set to select the DSP DMA controller. If the DSP DMA controller is
selected, the DSP DMA channel must be enabled in the ASCDDMASELn registers.
•
DMA controller—the DMA requests must be enabled in the DMA controller. For the CPU DMA
controller, these are DMA requests 18 (read) and 19 (write).
Copyright © 2013, Texas Instruments Incorporated
Dual Microwire/SPI Interfaces
291
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com