Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 293 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 293 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
MNS
The Master/Slave Select bit controls whether the CP3SP33 is a master or slave. When clear,
the device operates as a slave. When set, the device operates as the master.
0 – CP3SP33 is slave.
1 – CP3SP33 is master.
MOD
The Mode Select bit controls whether 8- or 16-bit mode is used. When clear, the device
operates in 8-bit mode. When set, the device operates in 16-bit mode. This bit must only be
changed when the module is disabled or idle (MWnSTAT.BSY = 0).
0 – 8-bit mode.
1 – 16-bit mode.
ECHO The Echo Back bit controls whether the echo back function is enabled in slave mode. This bit
must be written only when the Microwire interface is idle (MWnSTAT.BSY=0). The ECHO bit is
ignored in master mode. The MWnDAT register is valid from the time the register has been
written until the end of the transfer. In the echo back mode, MDODIn is transmitted (echoed
back) on MDIDOn if the MWnDAT register does not contain any valid data. With the echo back
function disabled, the data held in the MWnDAT register is transmitted on MDIDOn, whether or
not the data is valid.
0 – Echo back disabled.
1 – Echo back enabled.
EIO
The Enable Interrupt on Overrun bit enables or disables the overrun interrupt. When set, an
interrupt is asserted when the Receive Overrun bit (MWnSTAT.OVR) is set. Otherwise, no
interrupt is asserted when an overrun occurs. This bit must only be enabled in master mode.
0 – Disable overrun interrupts.
1 – Enable overrun interrupts.
EIR
The Enable Interrupt for Read bit controls whether an interrupt is asserted when the read buffer
becomes full. When set, an interrupt is asserted when the Read Buffer Full bit (MWnSTAT.RBF)
is set. Otherwise, no interrupt is asserted when the read buffer is full.
0 – No read buffer full interrupt.
1 – Interrupt when read buffer becomes full.
EIW
The Enable Interrupt for Write bit controls whether an interrupt is asserted when the Busy bit
(MWnSTAT.BSY) is cleared, which indicates that a data transfer sequence has been completed
and the read buffer is ready to receive the new data. Otherwise, no interrupt is asserted when
the Busy bit is cleared.
0 – No interrupt on data transfer complete.
1 – Interrupt on data transfer complete.
SCM
The Shift Clock Mode bit selects between the normal clocking mode and the alternate clocking
mode. In the normal mode, the output data is clocked out on the falling edge of MSKn and the
input data is sampled on the rising edge of MSKn. In the alternate mode, the output data is
clocked out on the rising edge of MSKn and the input data is sampled on the falling edge of
MSKn.
0 – Normal clocking mode.
1 – Alternate clocking mode.
SCIDL The Shift Clock Idle bit controls the value of the MSKn output when the Microwire module is idle.
This bit must be changed only when the Microwire module is disabled (MEN = 0) or when no
bus transaction is in progress (MWnSTAT.BSY = 0).
0 – MSKn is low when idle.
1 – MSKn is high when idle
SCDV
The Shift Clock Divider Value field specifies the divisor used for generating the MSKn shift clock
from the PCLK Clock. The divisor is 2 × (SCDV6:0 + 1). Valid values are 0000001b to
1111111b, so the division ratio may range from 4 to 256. This field is ignored in slave mode
(MWnCTL1.MNS = 0).
Copyright © 2013, Texas Instruments Incorporated
Dual Microwire/SPI Interfaces
293
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com