Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 295 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 295 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 407 page
background image
Shift Register
(High Byte)
Data
In
Write
Data
Out
MOD
MWnDAT
1
0
Shift Register
(Low Byte)
Read Buffer
(High Byte)
Read Buffer
(Low Byte)
Read
DS442
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
28.7.4 Microwire Module n Data Register (MWnDAT)
The MWnDAT registers are 16-bit, read/write registers used to transmit and receive data through the
MDODIn and MDIDOn pins.
7
0
MWDAT
Figure 28-8 shows the hardware structure of the register.
Figure 28-8. MWnDAT Register
29 Dual ACCESS.bus Interfaces
The ACCESS.bus interface modules (ACB) provide a two- wire serial interface compatible with the
ACCESS.bus physical layer. It permits easy interfacing to a wide range of low-cost memories and I/O
devices, including: EEPROMs, RAMs, timers, A/D converters, D/A converters, clock chips, and peripheral
drivers. It is compatible with Intel’s SMBus and Philips’ I2C bus. The ACB modules can be configured as a
bus master or slave, and can maintain bidirectional communications with both multiple master and slave
devices
Two modules are provided, module 0 on the CPU APB bus and module 1 on the shared audio peripheral
APB bus. Module 1 can be accessed by either the CPU or DSP, so its interrupt and DMA request signals
are routed through the ASC module.
This section presents an overview of the bus protocol, and its implementation by the ACB module.
•
ACCESS.bus master and slave
•
Supports polling and interrupt-controlled operation
•
Generate a wake-up signal on detection of a Start Condition, while in power-down mode
•
Optional internal pullup on SDA and SCL pins
•
Interrupt and DMA capability
•
Up to 400 kHz bus clock frequency (Fast-mode)
29.1 ACCESS.bus Protocol Overview
The ACCESS.bus protocol uses a two-wire interface for bi- directional communication between the
devices connected to the bus. The two interface signals are the Serial Data Line (SDA) and the Serial
Clock Line (SCL). These signals should be connected to the positive supply, through pullup resistors, to
keep the signals high when the bus is idle.
The ACCESS.bus protocol supports multiple master and slave transmitters and receivers. Each bus
device has a unique address and can operate as a transmitter or a receiver (though some peripherals are
only receivers).
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
295
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com