Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 299 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 299 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 301Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 302Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
does), the ACBnST.BER bit is set.
3. If there is no bus conflict, the ACBnST.MASTER and ACBnST.SDAST bits are set.
4. If the ACBnCTL1.INTEN bit is set, and either the ACBnST.BER bit or the ACBnST.SDAST bit is set, an
interrupt is asserted.
29.2.1.1 Sending the Address Byte
Once this device is the active master of the ACCESS.bus (ACBnST.MASTER = 1), it can send the
address on the bus. The address must not be this device’s own address as specified in the
ACBnADDR.ADDR field if the ACBnAD- DR.SAEN bit is set or the ACBnADDR2.ADDR field if the
ACBnADDR2.SAEN bit is set. The address also must not be the global call address if the
ACBnST.GCMTCH bit is set or the ARP address if the ACBnST.ARPMATCH bit is set.
To send the address byte, use the following sequence:
1. Load the ACBnCTL1.INTEN and ACBnCTL1.DMAEN bits for the desired operation mode. For a
receive transaction where software wants only one byte of data, it should set the ACBnCTL1.ACK bit.
If only an address needs to be sent, set the ACBnCTL1.STASTRE bit.
2. Write the address byte (7-bit target device address), and the direction bit, to the ACBnSDA register.
This causes the module to generate a transaction. At the end of this transaction, the acknowledge bit
received is copied to the ACBnST.NEGACK bit. During the transaction, the SDAn and SCLn signals
are continuously checked for conflicts with other devices. If a conflict is detected, the transaction is
aborted, the ACBnST.BER bit is set, and the ACBnST.MASTER bit is cleared.
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
299
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com