Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 296 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 296 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 407 page
background image
Start
Condition
Stop
Condition
SDA
S
SCL
P
DS076
SDA
Data Line
Stable:
Data Valid
Change
of Data
Allowed
SCL
DS075
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
During data transactions, the master device initiates the transaction, generates the clock signal, and
terminates the transaction. For example, when the ACB initiates a data transaction with an ACCESS.bus
peripheral, the ACB becomes the master. When the peripheral responds and transmits data to the ACB,
their master/slave (data transaction initiator and clock generator) relationship is unchanged, even though
their transmitter/receiver functions are reversed.
29.1.1 Data Transactions
One data bit is transferred during each clock period. Data is sampled during the high phase of the serial
clock
(SCL).
Consequently,
throughout
the
clock
high
phase,
the
data
must
remain
stable
(see Figure 29-1). Any change on the SDA signal during the high phase of the SCL clock and in the
middle of a transaction aborts the current transaction. New data must be driven during the low phase of
the SCL clock. This protocol permits a single data line to transfer both command/control information and
data using the synchronous serial clock.
Figure 29-1. Bit Transfer
Each data transaction is composed of a Start Condition, a number of byte transfers (programmed by
software), and a Stop Condition to terminate the transaction. Each byte is transferred with the most
significant bit first, and after each byte, an Acknowledge signal must follow.
At each clock cycle, the slave can stall the master while it handles the previous data, or prepares new
data. This can be performed for each bit transferred or on a byte boundary by the slave holding SCL low
to extend the clock-low period. Typically, slaves extend the first clock cycle of a transfer if a byte read has
not yet been stored, or if the next byte to be transmitted is not yet ready. Some microcontrollers with
limited hardware support for ACCESS.bus extend the access after each bit, to allow software time to
handle this bit.
29.1.1.1 Start and Stop
The ACCESS.bus master generates Start and Stop Conditions (control codes). After a Start Condition is
generated, the bus is considered busy and it retains this status until a certain time after a Stop Condition
is generated. A high-to-low transition of the data line (SDA) while the clock (SCL) is high indicates a Start
Condition. A low-to-high transition of the SDA line while the SCL is high indicates a Stop Condition (see
Figure 29-2).
Figure 29-2. Start and Stop Conditions
296
Dual ACCESS.bus Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com