Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 292 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 292 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
28.6 Freeze Mode
While Freeze mode is asserted, the module will exhibit the following behavior:
In master mode, the transaction will be stalled at the bit that which is being currently transferred. The
MSKn and MDOD- In signals will retain the current level. Once Freeze mode is de-asserted, the module
will complete the current transaction.
In slave mode, the module will continue to operate normally. Data will be shifted at the rate of the MSK
clock.
Reading the MWnDAT register will not cause the RBF flag to be cleared, and it will not update the read
buffer if new data is ready into the shift register.
28.7 Microwire Interface Registers
Software interacts with the Microwire interface by accessing the Microwire registers. There are three such
registers:
Table 28-2. Microwire Interface Registers
NAME
ADDRESS
DESCRIPTION
MW0CTL1
FF 8404h
Microwire Module 0 Control Register 1
MW1CTL1
FF 5804h
Microwire Module 1 Control Register 1
MW0CTL2
FF 840Ah
Microwire Module 0 Control Register 2
MW1CTL2
FF 580Ah
Microwire Module 1 Control Register 2
MW0STAT
FF 8408h
Microwire Module 0 Status Register
MW1STAT
FF 5808h
Microwire Module 1 Status Register
MW0DAT
FF 8400h
Microwire Module 0 Data Register
MW1DAT
FF 5800h
Microwire Module 1 Data Register
28.7.1 Microwire Module n Control Register 1 (MWnCTL1)
The MWnCTL1 registers are 16-bit, read/write registers used to control the Microwire module. To avoid
clock glitches, the MWEN bit must be clear while changing the states of any other bits in the register. At
reset, all non-reserved bits are cleared. The register format is shown below.
15
9
8
7
6
5
4
3
2
1
0
SCDV
SCIDL
SCM
EIW
EIR
EIO
ECHO
MOD
MNS
MWEN
MWEN
MWEN The Microwire Enable bit controls whether the Microwire interface module is enabled.
0 – Microwire module disabled.
1 – Microwire module enabled.
Clearing this bit disables the module, clears the status bits in the Microwire status register (the
BSY, RBF, and OVR bits in MWnSTAT), and places the Microwire interface pins in the states
described below.
PIN
STATE WHEN DISABLED
MSKn
Master – SCIDL Bit
Slave – Input
MDIDOn
Master – Input
Slave – TRI-STATE
MDODIn
Master – Known value
Slave – Input
292
Dual Microwire/SPI Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com