Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 290 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 290 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 291Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 292Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 407 page
background image
Bit 0
(LSB)
Bit 1
MSB - 2
MSB - 1
MSKn
End of Transfer
Sample
Point
Shift
Out
Data Out
MSB
Bit 0
(LSB)
Bit 1
MSB - 2
MSB - 1
Data In
MSB
DS351
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 28-6. Alternate Mode (SCIDL = 1)
28.3 Slave Mode
In slave mode, the MSKn pin is an input for the shift clock MSKn. MDIDOn is put in TRI-STATE mode
when MWCSn is inactive. Data transfer is enabled when MWCSn is active.
The slave starts driving MDIDOn when MWCSn is active. The most significant bit (lower byte in 8-bit mode
or upper byte in 16-bit mode) is output onto the MDIDOn pin first. After eight or sixteen clocks (depending
on the selected mode), the data transfer is completed.
If a new shift process starts before MWnDAT was written, i.e., while MWnDAT does not contain any valid
data, and the ECHO bit is set, the data received from MDODIn is transmitted on MDIDOn in addition to
being shifted to MWnDAT. If the ECHO bit is clear, the data transmitted on MDIDOn is the data held in the
MWnDAT register, regardless of its validity. The master may negate the MWCSn signal to synchronize the
bit count between the master and the slave. If the slave is the only slave in the system, MWCSn can be
tied to ground.
28.4 Interrupt Support
Interrupts may be enabled for any of the conditions shown in Table 28-1.
Table 28-1. Microwire Interrupt Trigger Condition
Interrupt Enable Bit
Status Bit in the
Condition
in the
Description
MWnSTAT Register
MWnCTRL1 Register
Not Busy
BSY
EIW
The shift register is ready for the next data transfer sequence.
Read Buffer Full
RBF
EIR
The read buffer is full and waiting to be unloaded.
Overrun
OVF
EIO
A new data transfer sequence started while both the shift register
and the read buffer were full.
290
Dual Microwire/SPI Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com