Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 286 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 286 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 285Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 290Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 407 page
background image
MDIDO
MDIDO
MDODI
I/O
Lines
I/O
Lines
MDODI
MSK
MSK
Master
8-Bit
A/D
Slave
GPIO
CS
DO
SK
DI
MWCS
1K Bit
EEPROM
CS
DO
SK
DI
LCD
Display
Driver
CS
SK
DI
VF
Display
Driver
CS
SK
DI
DS067
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
28 Dual Microwire/SPI Interfaces
Microwire/Plus is a synchronous serial communications protocol, originally implemented in National
Semiconduc- tor's COPS® and HPC families of microcontrollers to mini- mize the number of connections,
and therefore the cost, of communicating with peripherals.
The CP3SP33 has an Microwire/SPI interface module (MWSPI) that can communicate with all peripherals
that conform to Microwire/Plus or Serial Peripheral Interface (SPI) specifications. This Microwire interface
is capable of operating as either a master or slave and in 8- or 16-bit mode. Figure 101 shows a typical
Microwire interface appli- cation.
Two modules are provided: module 0 on the CPU APB bus and module 1 on the shared audio peripheral
APB bus. Module 1 can be accessed by either the CPU or DSP, so its interrupt and DMA request signals
are routed through the ASC module.
The Microwire interface module includes the following fea- tures:
•
Programmable operation as a master or slave
•
Programmable shift-clock frequency (master only)
•
Programmable 8- or 16-bit mode of operation
•
8- or 16-bit serial I/O data shift register
•
Two modes of clocking data
•
Serial clock can be low or high when idle
•
16-bit read buffer
•
Busy bit, Read Buffer Full bit, and Overrun bit for polling and as interrupt sources
•
Supports multiple masters
•
DMA capability
•
Maximum bus clock frequency of 12 MHz running from a 48 MHz PCLK Clock
•
Supports very low-end slaves with the Slave Ready output
•
Echo back enable/disable (slave only)
Figure 28-1. Microwire Interface
28.1 Microwire Operation
The Microwire interface allows several devices to be connected on one three-wire system. At any given
time, one of these devices operates as the master while all other devices operate as slaves. The
Microwire interface allows the device to operate either as a master or slave transferring 8-bits or 16-bits of
data.
286
Dual Microwire/SPI Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com