Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 284 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 284 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 280Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 285Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 27-4. Baud Rate Programming
Baud Rate
PCLK = 12 MHz
PCLK = 10 MHz
PCLK = 8 MHz
PCLK = 6 MHz
O
N
P
%err
O
N
P
%err
O
N
P
%err
O
N
P
%err
300
16
1250
2
0
13
1282
2
0
7
401
9.5
0
16
1250
1
0
600
16
1250
1
0
13
1282
1
0
12
1111
1
0.01
16
625
1
0
1200
16
625
1
0
13
641
1
0
12
101
5.5
0.01
16
125
2.5
0
1800
12
101
5.5
0.01
12
463
1
0.01
8
101
5.5
0.01
11
303
1
0.01
2000
16
250
1.5
0
16
125
2.5
0
16
250
1
0
16
125
1.5
0
2400
16
125
2.5
0
9
463
1
0.01
11
303
1
0.01
10
250
1
0
3600
11
202
1.5
0.01
11
101
2.5
0.01
11
202
1
0.01
11
101
1.5
0.01
4800
10
250
1
0
7
119
2.5
0.04
11
101
1.5
0.01
10
125
1
0
7200
11
101
1.5
0.01
10
139
1
0.08
11
101
1
0.01
14
17
3.5
0.04
9600
10
125
1
0
7
149
1
0.13
14
17
3.5
0.04
10
25
2.5
0
14400
14
17
3.5
0.04
14
33
1.5
0.21
15
37
1
0.1
7
17
3.5
0.04
19200
10
25
2.5
0
16
13
2.5
0.16
7
17
3.5
0.04
16
13
1.5
0.16
38400
16
13
1.5
0.16
8
13
2.5
0.16
16
13
1
0.16
8
13
1.5
0.16
56000
13
11
1.5
0.1
7
17
1.5
0.04
13
11
1
0.1
9
12
1
0.79
57600
8
2
13
0.16
12
1
14.5
0.22
9
1
15.5
0.44
8
1
13
0.16
115200
13
8
1
0.16
7
5
2.5
0.79
10
7
1
0.79
13
4
1
0.16
128000
11
1
8.5
0.27
12
1
6.5
0.16
9
7
1
0.79
16
3
1
2.34
230400
13
4
1
0.16
11
4
1
1.36
10
1
3.5
0.79
13
2
1
0.16
345600
10
1
3.5
0.79
15
1
1.5
2.88
7
1
2.5
0.79
460800
13
2
1
0.16
11
2
1
1.36
7
1
2.5
0.79
13
1
1
0.16
576000
14
1
1.5
0.79
7
1
2.5
0.79
7
2
1
0.79
7
1
1.5
0.79
691200
7
1
2.5
0.79
806400
10
1
1.5
0.79
921600
13
1
1
0.16
1105920
9
1
1
0.47
284
Dual/Quad UART
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com