Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 285 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 285 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 281Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 282Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 283Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 284Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 285Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 286Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 287Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 288Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 27-5. Baud Rate Programming
PCLK = 5 MHz
PCLK = 4 MHz
PCLK = 3 MHz
PCLK = 2 MHz
Baud Rate
O
N
P
%err
O
N
P
%err
O
N
P
%err
O
N
P
%err
300
11
202
7.5
0.01
12
202
5.5
0.01
16
250
2.5
0
12
101
5.5
0.01
600
11
101
7.5
0.01
12
101
5.5
0.01
16
125
2.5
0
11
202
1.5
0.01
1200
10
119
3.5
0.04
11
202
1.5
0.01
10
250
1
0
11
101
1.5
0.01
1800
11
101
2.5
0.01
11
202
1
0.01
11
101
1.5
0.01
11
101
1
0.01
2000
10
250
1
0
16
125
1
0
15
100
1
0
16
25
2.5
0
2400
7
119
2.5
0.04
11
101
1.5
0.01
10
125
1
0
14
17
3.5
0.04
3600
10
139
1
0.08
11
101
1
0.01
14
17
3.5
0.04
15
37
1
0.1
4800
7
149
1
0.13
14
17
3.5
0.04
10
25
2.5
0
7
17
3.5
0.04
7200
14
33
1.5
0.21
15
37
1
0.1
7
17
3.5
0.04
9
31
1
0.44
9600
16
13
2.5
0.16
7
17
3.5
0.04
16
13
1.5
0.16
16
13
1
0.16
14400
7
33
1.5
0.21
9
31
1
0.44
13
16
1
0.16
9
1
15.5
0.44
19200
8
13
2.5
0.16
16
13
1
0.16
8
13
1.5
0.16
16
1
6.5
0.16
38400
13
10
1
0.16
16
1
6.5
0.16
13
6
1
0.16
8
1
6.5
0.16
56000
15
6
1
0.79
13
1
5.5
0.1
9
6
1
0.79
9
4
1
0.79
57600
7
1
12.5
0.79
7
1
10
0.79
8
1
6.5
0.16
7
1
5
0.79
115200
11
4
1
1.36
10
1
3.5
0.79
13
2
1
0.16
7
1
2.5
0.79
128000
13
3
1
0.16
9
1
3.5
0.79
16
1
1.5
2.34
8
2
1
2.34
230400
11
2
1
1.36
7
1
2.5
0.79
13
1
1
0.16
PCLK = 1 MHz
PCLK = 500 kHz
Baud Rate
O
N
P
%err
O
N
P
%err
300
11
202
1.5
0.01
11
101
1.5
0.01
600
11
101
1.5
0.01
14
17
3.5
0.04
1200
14
17
3.5
0.04
7
17
3.5
0.04
1800
15
37
1
0.1
9
31
1
0.44
2000
10
50
1
0
10
25
1
0
2400
7
17
3.5
0.04
16
13
1
0.16
3600
9
31
1
0.44
9
1
15.5
0.44
4800
16
13
1
0.16
16
1
6.5
0.16
7200
9
1
15.5
0.44
10
7
1
0.79
9600
16
1
6.5
0.16
8
1
6.5
0.16
14400
10
7
1
0.79
10
1
3.5
0.79
19200
8
1
6.5
0.16
13
2
1
0.16
38400
13
2
1
0.16
13
1
1
0.16
56000
9
2
1
0.79
57600
7
1
2.5
0.79
Copyright © 2013, Texas Instruments Incorporated
Dual/Quad UART
285
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com