Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 297 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 297 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 293Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 294Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 295Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 296Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 297Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 298Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 301Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 407 page
background image
1
Transmitter Stays Off
the Bus During the
Acknowledgment Clock
Acknowledgment
Signal from Receiver
Data Output
by Transmitter
Data Output
by Receiver
SCL
2
7
3 - 6
8
9
S
Start
Condition
DS078
SDA
S
1
MSB
ACK
ACK
Stop
Condition
Start
Condition
Clock Line Held
Low by Receiver
While Interrupt
is Serviced
Byte Complete
Interrupt Within
Receiver
Acknowledgment
Signal from Receiver
SCL
2
1
2
3-8
7
3 - 6
8
9
9
P
DS077
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
In addition to the first Start Condition, a repeated Start Condition can be generated in the middle of a
transaction. This allows another device to be accessed, or a change in the direction of the data transfer.
29.1.1.2 Acknowledge Cycle
The Acknowledge Cycle consists of two signals: the ac- knowledge clock pulse the master sends with
each byte transferred, and the acknowledge signal sent by the receiving device (Figure 29-3).
Figure 29-3. ACCESS.bus Data Transaction
The master generates the acknowledge clock pulse on the ninth clock pulse of the byte transfer. The
transmitter releases the SDA line (permits it to go high) to allow the receiver to send the acknowledge
signal. The receiver must pull down the SDA line during the acknowledge clock pulse, which signals the
correct reception of the last data byte, and its readiness to receive the next byte. Figure 29-4 illustrates
the acknowledge cycle.
Figure 29-4. ACCESS.bus Acknowledge Cycle
The master generates an acknowledge clock pulse after each byte transfer. The receiver sends an
acknowledge signal after every byte received. There are two exceptions to the “acknowledge after every
byte” rule.
•
When the master is the receiver, it must indicate to the transmitter an end-of-data condition by not-
acknowledging (“negative acknowledge”) the last byte clocked out of the slave. This “negative
acknowledge” still includes the acknowledge clock pulse (generated by the master), but the SDA line is
not pulled down.
•
When the receiver is full, otherwise occupied, or a problem has occurred, it sends a negative
acknowledge to indicate that it cannot accept additional data bytes.
29.1.1.3 Addressing Transfer Formats
Each device on the bus has a unique address. Before any data is transmitted, the master transmits the
address of the slave being addressed. The slave device should send an acknowledge signal on the SDA
signal, once it recognizes its address.
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
297
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com