Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 303 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 303 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 299Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 300Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 301Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 302Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 303Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 304Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 305Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 306Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 307Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Check that the ACBnCST.BUSY bit is inactive before entering Power Save, Idle, or Halt mode. This
assures that the device does not acknowledge an address sent and stop responding later.
29.2.3 SDAn nand SCLn Pin Configuration
The SDA and SCL pins are driven as open-drain signals. Internal pullups may be enabled for either pin.
For more information, see the I/O configuration section.
29.2.4 ACB Clock Frequency Configuration
The ACB module permits software to select the frequency used for the ACCESS.bus clock. The clock
period is set by the ACBCTL2.SCLFRQ6:0 and ACBCTL3.SCLFRQ8:7 fields. Together, they form a 9-bit
value that specifies the SCL clock period. This clock low period may be extended by stall periods initiated
by the ACB module or by another ACCESS.bus device. In case of a conflict with another bus master, a
shorter clock high period may be forced by the other bus master until the conflict is resolved.
29.3 Interrupt Support
ACB module 0 uses IRQ23, and module 1 uses IRQ11.
Because the interrupt request for module 1 can be handled by either the CPU or DSP interrupt controllers,
the interrupt request is passed through the Audio Subsystem Controller (ASC), which is programmed to
route it to the interrupt controller. To use the interrupt, it must be enabled at three levels:
•
ACB module—the interrupt must be enabled in the ACBnCTL1 register.
•
ASC module—the interrupt is assigned to ASC interrupt channel 1, so bit 1 in the ASCINTSEL register
must be clear to select the CPU interrupt controller or set to select the DSP interrupt controller.
•
Interrupt controller—the interrupt request must be enabled in the interrupt controller. For the CPU
interrupt controller, this is interrupt request IRQ11.
29.4 SMA Support
ACB module 0 uses DMA request 35, and module 1 uses DMA request 20.
Because the module 1 DMA request can be handled by either the CPU or DSP DMA controllers, the DMA
request is passed through the Audio Subsystem Controller (ASC), which must be programmed to route it
to the DMA controller.
To use the DMA request, it must be enabled at three levels:
•
ACB module—the DMA request must be enabled.
•
ASC module—the DMA request is assigned to ASC DMA channel 20. This channel is controlled by bit
4 in the ASCDMASEL1 register. The bit must be clear to select the CPU DMA controller or set to
select the DSP DMA controller. If the DSP DMA controller is selected, the DSP DMA channel must be
enabled in the ASCDDMASELn registers.
•
DMA controller—the DMA request must be enabled in the DMA controller. For the CPU DMA
controller, this is DMA request 20.
29.5 ACCESS.bus Interface Registers
The ACCESS.bus interface uses the registers listed in Table 29-1.
Table 29-1. ACCESS.bus Interface Registers
NAME
ADDRESS
DESCRIPTION
ACB0SDA
FF 8000h
ACB0 Serial Data Register
ACB1SDA
FF 5400h
ACB1 Serial Data Register
ACB0ST
FF 8004h
ACB0 Status Register
ACB1ST
FF 5404h
ACB1 Status Register
Copyright © 2013, Texas Instruments Incorporated
Dual ACCESS.bus Interfaces
303
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com